Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE324 Datasheet (PDF) - Analog Devices

ADATE324 Datasheet PDF - Analog Devices
Part # ADATE324
Download  ADATE324 Download
File Size   89.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and

ADATE324 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADATE324 Datasheet PDF - Analog Devices

Part # ADATE324
Download  ADATE324 Click to download

File Size   89.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and

ADATE324 Datasheet (HTML) - Analog Devices


ADATE324 Product details

GENERAL DESCRIPTION
The ADATE324 is a complete, single-chip, quad-channel automatic
test equipment (ATE) solution that performs the pin electronics
(PE) functions of a driver, a comparator, and an active load (DCL).
The device also features a high voltage (VHH) drive capability
per chip to support flash memory testing applications. Dedicated
16-bit digital-to-analog converters (DACs) with on-chip calibration
registers provide all the necessary dc levels for operation of the
device.
The voltage driver features three active states: high, low, and terminate
mode, as well as a high impedance inhibit state. The inhibit
state, in conjunction with the integrated dynamic clamps, facilitates
significant attenuation of transmission line reflections when the
driver is not actively terminating the line. The open circuit drive
capability is −1.5 V to +4.5 V to accommodate the standard range
of ATE and instrumentation applications.
The ADATE324 can be used as a quad, single-ended, pin electronics
channel or as a dual differential channel. In additional to per
channel, high speed window comparators, the ADATE324 provides
two programmable threshold differential comparators for differential
ATE applications.
All dc levels for DCL functions are generated by dedicated onchip
16-bit DACs. To facilitate accurate programming levels, the
ADATE324 also includes an integrated calibration function to correct
for gain and offset errors of each functional block. Correction
coefficients can be stored on chip, and any values written to the
DACs are automatically adjusted using the appropriate correction
factors.
The ADATE324 uses a serial programmable interface (SPI) bus
to program all functional blocks, DACs, and on-chip calibration
constants. The device also has an on-chip temperature sensor,
and overvoltage and undervoltage fault clamps, for monitoring and
reporting the device temperature, and any output pin voltage faults
that may occur during operation.

FEATURES
► 2 selectable data rates up to 1.6 GHz or 3.2 Gbps maximum toggle rate
► DCL disable mode (low leakage typically <10 nA)
► Power and speed programmable (driver and comparators active)
► 1.025 W power dissipation per channel low speed (Case A)
► 1.125 W power dissipation per channel high speed (Case B)
► Voltage driver
► 3-level driver with high-Z and reflection clamps
► Voltage range: –1.5 V to +4.5 V (+5 V extended range)
► Precision trimmed output resistance
► Functional amplitude (VIH – VIL): 0.05 V minimum to 6.0 V maximum
► 312.5 ps minimum pulse width (1.0 V programmed swing)
► 26 ps deterministic jitter and 1.4 ps random jitter
► Comparator
► Differential and single-ended window modes
► Input voltage range: –1.5 V to +4.5 V (+5 V extended range)
► 130 ps ERT/EFT normal window comparator 1.0 V, terminated
► Active load: ±12 mA current range
► VHH drive
► Dedicated VHH output pin
► Voltage range: 0.0 V to 13.5 V
► DC levels
► Fully integrated and dedicated 16-bit DACs
► On-chip gain and offset calibration registers with automatic add and multiply functions
► Package: 9 mm × 9 mm, 121-ball chip scale package ball grid array [CSP_BGA]

APPLICATIONS
► ATE
► Semiconductor and board test systems
► Instrumentation and characterization equipment




Similar Part No. - ADATE324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320-1KCPZ AD-ADATE320-1KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320KCPZ AD-ADATE320KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
More results


Similar Description - ADATE324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com