Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet (PDF) - Analog Devices

ADATE320 Datasheet PDF - Analog Devices
Part # ADATE320
Download  ADATE320 Download
File Size   7379.87 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers

ADATE320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADATE320 Datasheet PDF - Analog Devices

Part # ADATE320
Download  ADATE320 Click to download

File Size   7379.87 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers

ADATE320 Datasheet (HTML) - Analog Devices


ADATE320 Product details

FEATURES
► 1.25 GHz, 2.5 Gbps data rate
► 3-level driver with high-Z and reflection clamps
► Window and differential comparators
► ±25 mA active load
► Per pin parametric measurement unit (PMU) with a −1.5 V to
+4.5 V range
► Low leakage mode (typically <5 nA)
► Integrated 16-bit DACs with offset and gain correction
► 1.2 W power dissipation per channel (ADATE320)
► 1.3 W power dissipation per channel (ADATE320-1)
► Driver
► Voltage range: −1.5 V to +4.5 V
► Precision trimmed termination: 50.0 Ω
► Unterminated swing: 50 mV minimum to 6.0 V maximum
► 400 ps minimum pulse width, 1.0 V programmed swing
► 25 ps deterministic jitter
► Comparator
► Differential and single-ended window modes
► 100 ps equivalent input rise/fall time (ERT/EFT)
► 250 mV current mode logic (CML) outputs (ADATE320)
► 400 mV CML outputs (ADATE320-1)
► Load
► Per pin PMU (PPMU)
► Force voltage/compliance range: −1.5 V to +4.5 V
► 5 current ranges
► ±40 mA, ±1 mA, ±100 μA, ±10 μA, ±2 μA
► Dedicated go/no-go comparators
► DC levels
► Fully integrated and dedicated 16-bit DACs
► On-chip gain and offset calibration registers with automatic
add/multiply function
► 84-lead, 10 mm × 10 mm LFCSP (0.4 mm pitch)




Similar Part No. - ADATE320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320-1KCPZ AD-ADATE320-1KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320KCPZ AD-ADATE320KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
More results


Similar Description - ADATE320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com