Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 2Page - Analog Devices ADATE320 Datasheet HTML 3Page - Analog Devices ADATE320 Datasheet HTML 4Page - Analog Devices ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices ADATE320 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 6 of 78
Table 2.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Overall Voltage Accuracy Focused
Range
±5
mV
CT
VIH − VIL ≥ 100 mV; sum of INL, dc interaction, DUTGND and TC
errors over ±5°C, after calibration
VIH, VIL, VIT DC PSR
+15
mV/V
CT
Measured at calibration points, see Table 1 for power supply ranges
AC SPECIFICATIONS
All ac specifications performed after dc calibration
Rise/Fall Times
Toggle DATx, VIL = 0.0 V, terminated
0.2 V Programmed Swing
tRISE
150
ps
CB
20% to 80%, VIH = 0.2 V
tFALL
170
ps
CB
20% to 80%, VIH = 0.2 V
0.5 V Programmed Swing
tRISE
150
ps
CB
20% to 80%, VIH = 0.5 V
tFALL
170
ps
CB
20% to 80%, VIH = 0.5 V
1.0 V Programmed Swing
tRISE
150
ps
CB
20% to 80%, VIH = 1.0 V
tFALL
170
ps
CB
20% to 80%, VIH = 1.0 V
2.0 V Programmed Swing
tRISE
120
160
230
ps
P
20% to 80%, VIH = 2.0 V
tFALL
120
180
230
ps
P
20% to 80%, VIH = 2.0 V
4.0 V Programmed Swing
tRISE
320
ps
CB
10% to 90%, VIH = 4.0 V, unterminated
tFALL
320
ps
CB
10% to 90%, VIH = 4.0 V, unterminated
tRISE to tFALL Mismatch
−20
ps
CB
tRISE − tFALL (20% to 80%) within one channel, VIH = 2.0 V, VIL = 0.0 V,
terminated
Trailing Edge Timing Error
Toggle DATx
Programmed Swing
VIL = 0.0 V, terminated, 400 ps ≤ pulse width (PW) ≤ 10 ns
0.2 V
±15
ps
CB
VIH = 0.2 V
0.5 V
±15
ps
CB
VIH = 0.5 V
1.0 V
±15
ps
CB
VIH = 1.0 V
2.0 V
±15
ps
CB
VIH = 2.0 V
Maximum Toggle Rate
Toggle DATx
Programmed Swing
VIL = 0.0 V, terminated ≤10% amplitude loss
0.2 V
2.8
Gbps
CB
VIH = 0.2 V
0.5 V
3.2
Gbps
CB
VIH = 0.5 V
1.0 V
3.2
Gbps
CB
VIH = 1.0 V
2.0 V
2.8
Gbps
CB
VIH = 2.0 V
Dynamic Performance
Toggle DATx, drive VIL to/from VIH
Propagation Delay
VIH = 2.0 V, VIL = 0.0 V, terminated
Time
750
ps
CB
TC
2
ps/°C
CT
Delay Matching
VIH = 2.0 V, VIL = 0.0 V, terminated
Edge to Edge
10
ps
CB
tLH0 − tHL0; tLH1 − tHL1
Channel to Channel
35
ps
CB
tLH0 − tLH1; tHL0 − tHL1
Delay Change vs. Duty Cycle
±7
ps
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, 1 MHz, 5% to 95%
Overshoot and Undershoot
50
mV
CB
VIH = 2.0 V, VIL = 0.0 V, terminated, minimum driver CLC
Settling Time (VIH to VIL)
Toggle DATx
To Within 3% of Final Value
1
ns
CB
VIH = 2.0 V, VIL = 0.0 V, from 50% crossing, terminated
To Within 1% of Final Value
10
ns
CB
VIH = 2.0 V, VIL = 0.0 V, from 50% crossing, terminated
Dynamic Performance
Drive Active to/from VIT
Toggle RCVx, VIH = 2.0 V, VIT = 1.0 V, VIL = 0.0 V, terminated
Transition Time
20% to 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com