Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 48 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 44Page - Analog Devices ADATE320 Datasheet HTML 45Page - Analog Devices ADATE320 Datasheet HTML 46Page - Analog Devices ADATE320 Datasheet HTML 47Page - Analog Devices ADATE320 Datasheet HTML 48Page - Analog Devices ADATE320 Datasheet HTML 49Page - Analog Devices ADATE320 Datasheet HTML 50Page - Analog Devices ADATE320 Datasheet HTML 51Page - Analog Devices ADATE320 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Data Sheet
ADATE320
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 48 of 78
Figure 117. PPMU Force Voltage Transient Response, Range B, 0.0 V to 4.0 V,
Uncalibrated, CLOAD = 200 pF
Figure 118. PPMU Force Voltage Transient Response, Range C, 0.0 V to 4.0 V,
Uncalibrated, CLOAD = 200 pF
Figure 119. PPMU Force Voltage Transient Response, Range A, 0.0 V to 4.0 V,
Uncalibrated, CLOAD = 2000 pF
Figure 120. PPMU Force Voltage Transient Response, Range B, 0.0 V to 4.0 V,
Uncalibrated, CLOAD = 2000 pF
Figure 121. PPMU Force Voltage Transient Response, Range C, 0.0 V to 4.0 V,
Uncalibrated, CLOAD = 2000 pF
Figure 122. PPMU Force Current Transient Response, Range A, Full-Scale
Transition, Uncalibrated, CLOAD = 200 pF, RLOAD = 127 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com