Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 4 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 4 Page - Analog Devices

  ADATE320 Datasheet HTML 1Page - Analog Devices ADATE320 Datasheet HTML 2Page - Analog Devices ADATE320 Datasheet HTML 3Page - Analog Devices ADATE320 Datasheet HTML 4Page - Analog Devices ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 4 of 78
VCC = 8.0 V, VDD = 1.8 V, VEE = −5.0 V, VTTCx = VTTDx = 1.2 V, VREF = 2.500 V, VREFGND = 0.000 V. All default test conditions are as defined in
Table 30. All specified values are at TJ = 60°C, where TJ corresponds to the typical internal temperature sensor reading (VTHERM pin), unless
otherwise noted. Temperature coefficients are measured around TJ = 40°C, 60°C, 80°C, and 100°C. Typical values are based on the statistical
mean of the design, simulation analyses, and/or limited bench evaluation data. Typical values are neither tested nor guaranteed. Test level
codes are defined in the Explanation of Test Levels section.
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DUTx PIN CHARACTERISTICS
Output Leakage Current
DCL Disable
PPMU Range E
−10.0
+5.0
+10.0
nA
P
−1.5 V < VDUTx < +4.5 V, PPMU and DCL disabled, PPMU Range E,
VCLx = −2.5 V, VCHx = +7.5 V
PPMU Range A to Range D
5.0
nA
CT
−1.5 V < VDUTx < +4.5 V, PPMU and DCL disabled, PPMU Range A,
Range B, Range C, and Range D, VCLx = −2.5 V, VCHx = +7.5 V
Driver High-Z Mode
−0.4
+0.4
µA
P
−1.5 V < VDUTx < +4.5 V, PPMU disabled and DCL enabled, RCV active,
VCLx = −2.5 V, VCHx = +7.5 V
Capacitance
0.4
pF
S
Drive VITx = 0.0 V
Voltage Range
−1.5
+4.5
V
D
POWER SUPPLIES
Power measured with the DUTx pin high-Z, 10 K to 0.0 V
Positive DCL Supply, VCC
7.6
8.0
8.4
V
D
Defines dc power supply rejection (PSR) conditions
Negative DCL Supply, VEE
−5.25
−5.0
−4.75
V
D
Defines dc PSR conditions
Digital Supply, VDD
1.7
1.8
1.9
V
D
Comparator Termination, VTTCx
0.5
1.2
1.8
V
D
VTTC0 is not electrically connected to VTTC1
Driver Termination, VTTDx
0.0
1.2
1.8
V
D
VTTD0 is not electrically connected to VTTD1
Positive DCL Supply Current, ICC
Load and PPMU power-down
ADATE320
145
169
185
mA
P
ADATE320-1
145
169
185
mA
P
Negative DCL Supply Current, IEE
Load and PPMU power-down
ADATE320
190
222
235
mA
P
ADATE320-1
220
247
265
mA
P
Digital Core Supply Current, IDD
−125
+10
+125
μA
P
Quiescent (SPI is static)
Comparator Termination Supply Current,
VTTCx
0.5 V ≤ VTTCx ≤ 1.8 V
ADATE320
41
mA
CT
ADATE320-1
66
mA
CT
Driver Termination Supply Current, VTTDx
0
mA
CT
0.0 V ≤ VTTDx ≤ 1.8 V, (DATx + DATx)/2 = (RCVx + RCVx)/2 = VTTDx
Total Power Dissipation
Load and PPMU power-down
ADATE320
2.10
2.52
2.75
W
P
ADATE320-1
2.25
2.66
2.90
W
P
DRIVER SPECIFICATIONS
VIH − VIL ≥ 100 mV to meet dc and ac performance specifications.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DC SPECIFICATIONS
High Speed Differential Input
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com