Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 17 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 13Page - Analog Devices ADATE320 Datasheet HTML 14Page - Analog Devices ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 17 of 78
Table 7.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Current Droop
Low Current Clamp (PCLx), Sink
−2
+2
%FSR
P
PCLx = 0.5 V (−80% FS), PCHx = 4.5 V (80% FS),
PPMU force −0.5 V and +3.5 V into VDUTx = 4.5 V,
measure ∆I at the DUTx pin in Range A
High Current Clamp (PCHx),
Source
−2
+2
%FSR
P
PCLx = 0.5 V (−80% FS), PCHx = 4.5 V (80% FS),
PPMU force −0.5 V and +3.5 V into VDUTx = −1.5 V,
measure ∆I at the DUTx pin in Range A
SETTLING/SWITCHING TIMES
FV Settling Time to 0.1% of Final
Value
Range A, 200 pF and 2000 pF
Load
20
µs
S
PPMU enabled in FV, Range A, step from 0.0 V to 4.0 V
Range B, 200 pF and 2000 pF
Load
25
µs
S
PPMU enabled in FV, Range B, DCL disabled, step from
0.0 V to 4.0 V
Range C, 200 pF Load
25
µs
S
PPMU enabled in FV, Range C, DCL disabled, step from
0.0 V to 4.0 V
Range C, 2000 pF Load
65
µs
S
PPMU enabled in FV, Range C, DCL disabled, step from
0.0 V to 4.0 V
FV Settling Time to 1.0% of Final
Value
Range A, 200 pF and 2000 pF
Load
16
µs
CB
PPMU enabled in FV, Range A, DCL disabled, step from
0.0 V to 4.0 V
Range B, 200 pF and 2000 pF
Load
14
µs
CB
PPMU enabled in FV, Range B, DCL disabled, step from
0.0 V to 4.0 V
Range C, 200 pF and 2000 pF
Load
18
µs
CB
PPMU enabled in FV, Range C, DCL disabled enabled,
step from 0.0 V to 4.0 V
FI Settling Time to 0.1% of Final
Value
Range A, 200 pF in Parallel with
120 Ω
16
µs
S
PPMU enabled in FI, Range A, DCL disabled, step from
0.0 mA to 40 mA
Range B, 200 pF in Parallel with
1.5 kΩ
10
µs
S
PPMU enabled in FI, Range B, DCL disabled, step from
0.0 mA to 1 mA
Range C, 200 pF in Parallel with
15.0 kΩ
40
µs
S
PPMU enabled in FI, Range C, DCL disabled, step from
0.0 mA to 100 µA
FI Settling Time to 1.0% of Final
Value
Range A, 200 pF in Parallel with
120 Ω
8
µs
CB
PPMU enabled in FI, Range A, DCL disabled, step from
0.0 mA to 40 mA
Range B, 200 pF in Parallel with
1.5 kΩ
8
µs
CB
PPMU enabled in FI, Range B, DCL disabled, step from
0.0 mA to 1 mA
Range C, 200 pF in Parallel with
15.0 kΩ
8
µs
CB
PMU enabled in FI, Range C, DCL disabled, step from
0.0 mA to 100 µA
INTERACTION AND CROSSTALK
Measure Voltage Channel to Channel
Crosstalk
10
µV
CT
PPMU enabled in FIMV, Range B, channel under test:
force 0.0 mA into 0.0 V; other channel: force 0.0 mA into
VDUTx; sweep VDUTx from −1.5 V to +4.5 V; measure ∆V
at PPMU_Mx under test
Measure Current Channel to Channel
Crosstalk
0.0001
%FSR
CT
PPMU enabled in FVMI, Range B; channel under test:
force 0.0 V into open circuit; other channel: force 0.0
V into IDUTx; sweep IDUTx from −1.0 mA to +1.0 mA;
measure ∆V at PPMU_Mx under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com