Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 33 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 29Page - Analog Devices ADATE320 Datasheet HTML 30Page - Analog Devices ADATE320 Datasheet HTML 31Page - Analog Devices ADATE320 Datasheet HTML 32Page - Analog Devices ADATE320 Datasheet HTML 33Page - Analog Devices ADATE320 Datasheet HTML 34Page - Analog Devices ADATE320 Datasheet HTML 35Page - Analog Devices ADATE320 Datasheet HTML 36Page - Analog Devices ADATE320 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
Data Sheet
ADATE320
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 33 of 78
Figure 27. Driver 800 MHz Response, Small Swing
Figure 28. Driver 800 MHz Response, Large Swing
Figure 29. Driver 1.25 GHz Response, Small Swing
Figure 30. Driver 1.25 GHz Response, Large Swing
Figure 31. Driver VIL/VIH to/from VIT, VIH = 2.0 V, VIL = 0.0 V, VIT = 1.0 V; 50 Ω
Terminated
Figure 32. Driver VIL/VIH to/from High-Z, VIH = 1.0 V, VIL = −1.0 V; 50 Ω
Terminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com