Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 28 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 24Page - Analog Devices ADATE320 Datasheet HTML 25Page - Analog Devices ADATE320 Datasheet HTML 26Page - Analog Devices ADATE320 Datasheet HTML 27Page - Analog Devices ADATE320 Datasheet HTML 28Page - Analog Devices ADATE320 Datasheet HTML 29Page - Analog Devices ADATE320 Datasheet HTML 30Page - Analog Devices ADATE320 Datasheet HTML 31Page - Analog Devices ADATE320 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
Data Sheet
ADATE320
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 28 of 78
Figure 8. Pin Configuration
Table 22. Pin Function Descriptions
Pin No.
Mnemonic
Description
59
DAT0
Driver High Speed Data Input, Channel 0.
58
DAT0
Driver High Speed Data Input Complement, Channel 0.
57
VTTD0
Driver High Speed Input Termination, Channel 0.
55
RCV0
Driver High Speed Receive Input, Channel 0.
56
RCV0
Driver High Speed Receive Input Complement, Channel 0.
5
DAT1
Driver High Speed Data Input, Channel 1.
6
DAT1
Driver High Speed Data Input Complement, Channel 1.
7
VTTD1
Driver High Speed Input Termination, Channel 1.
9
RCV1
Driver High Speed Receive Input, Channel 1.
8
RCV1
Driver High Speed Receive Input Complement, Channel 1.
53
CMPL0
Comparator High Speed Output Low, Channel 0.
52
CMPL0
Comparator High Speed Output Low Complement, Channel 0.
51
VTTC0
Comparator High Speed Output Termination, Channel 0.
49
CMPH0
Comparator High Speed Output High, Channel 0.
50
CMPH0
Comparator High Speed Output High Complement, Channel 0.
11
CMPL1
Comparator High Speed Output Low, Channel 1.
12
CMPL1
Comparator High Speed Output Low Complement, Channel 1.
13
VTTC1
Comparator High Speed Output Termination, Channel 1.
15
CMPH1
Comparator High Speed Output High, Channel 1.
14
CMPH1
Comparator High Speed Output High Complement, Channel 1.
61
CFFA0
PPMU External Compensation Capacitor Pin A, Channel 0.
62
CFFB0
PPMU External Compensation Capacitor Pin B, Channel 0.
65
PPMU_S0
PPMU External Sense Connect, Channel 0.
41
PPMU_M0
PPMU Analog Measure Output, Channel 0.
38
PPMU_CMPL0
PPMU Go/No-Go Comparator Output Low, Channel 0.
39
PPMU_CMPH0
PPMU Go/No-Go Comparator Output High, Channel 0.
3
CFFA1
PPMU External Compensation Capacitor Pin A, Channel 1.
2
CFFB1
PPMU External Compensation Capacitor Pin B, Channel 1.
83
PPMU_S1
PPMU External Sense Connect, Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com