Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 10 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices ADATE320 Datasheet HTML 10Page - Analog Devices ADATE320 Datasheet HTML 11Page - Analog Devices ADATE320 Datasheet HTML 12Page - Analog Devices ADATE320 Datasheet HTML 13Page - Analog Devices ADATE320 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 10 of 78
Table 5.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Input Voltage Range
−1.5
+4.5
V
D
Functional Differential Range
±0.05
±1.1
V
D
Maximum Differential Input
±6.0
V
D
Input Offset Voltage
−250
+250
mV
P
Offset interpolated from measurements at DAC Code 0x2666 (−1.0 V)
and DAC Code 0x5999 (1.0 V), with VCM = 0.0 V
Input Offset Voltage TC
±150
µV/°C
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x2666 (−1.0 V) and
DAC Code 0x5999 (1.0 V); based on an ideal DAC transfer function (see
Table 24)
Gain TC
±40
ppm/°C
CT
VOHx, VOLx Resolution
153
µV
D
VOHx, VOLx DNL
±250
µV
CT
After two-point gain/offset calibration; VCM = 0.0 V; calibration points at
DAC Code 0x2666 (−1.0 V) and DAC Code 0x5999 (1.0 V)
VOHx, VOLx INL
−8
+8
mV
P
After two-point gain/offset calibration; VCM = 0.0 V; calibration points
DAC Code 0x2666 (−1.0 V) and DAC Code 0x5999 (1.0 V), measured
over VOHx/VOLx range of −1.1 V to +1.1 V
Uncertainty Band
11
mV
CB
VDUTx = 0.0 V, sweep comparator threshold to determine the uncertainty
band
Programmable Hysteresis
200
mV
CB
Hysteresis Resolution
4
Bits
D
Common-Mode Rejection Ratio
(CMRR)
−1.0
+1.0
mV/V
P
∆Offset measured at VCM = −1.5 V and +4.5 V, VDM = 0.0 V
DC PSR
±5
mV/V
CT
∆Offset measured at VCM = 0.0 V, VDM = calibration points DAC Code
0x2666 (−1.0 V) and DAC Code 0x5999 (1.0 V)
AC SPECIFICATIONS
All ac tests are performed after dc levels calibration; input transition time
= 50 ps 20% to 80%; outputs terminated 50 Ω to VTTCx, comparator
CLC set to ¼ scale (010)
Propagation Delay
580
ps
CB
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, drive termination mode,
VIT = 0.0 V, comparator threshold = 0.0 V, repeat with VDUTx inputs
reversed
Propagation Delay TC
2
ps/°C
CT
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, drive termination mode,
VIT = 0.0 V, comparator threshold = 0.0 V, repeat with VDUTx inputs
reversed
Propagation Delay Matching High
Transition to Low Transition
15
ps
CB
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, drive termination mode,
VIT = 0.0 V, comparator threshold = 0.0 V, repeat with VDUTx inputs
reversed
Propagation Delay Matching High to
Low Comparator
15
ps
CB
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, drive termination mode,
VIT = 0.0 V, comparator threshold = 0.0 V, repeat with VDUTx inputs
reversed
Propagation Delay Dispersion
VDUT0 = 0.0 V, VIT = 0.0 V, drive termination mode, repeat with VDUTx
inputs reversed
Slew Rate: 400 ps vs. 1 ns (20%
to 80%)
30
ps
CB
VDUT1 = −0.5 V to +0.5 V swing, comparator threshold = 0.0 V
Overdrive: 250 mV vs. 750 mV
25
ps
CB
For 250 mV: VDUT1 = 0.0 V to 0.5 V swing; for 750 mV: VDUT1 = 0.0 V to
1.0 V swing, comparator threshold = −0.25 V, repeat with VDUTx inputs
reversed with comparator threshold = +0.25 V
1.0 V Pulse Width: 0.7 ns, 1.0 ns,
5.0 ns, 10 ns
25
ps
CB
VDUT1 = −0.5 V to +0.5 V swing, 32 MHz, comparator threshold = 0.0 V
0.5 V Pulse Width: 0.6 ns, 1.0 ns,
5.0 ns, 10 ns
25
ps
CB
VDUT1 = −0.25 V to +0.25 V swing, 32 MHz, comparator threshold = 0.0
V
Duty Cycle: 5% to 95%
5
ps
CB
VDUT1 = −0.5 V to +0.5 V swing, 32 MHz, comparator threshold = 0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com