Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 9 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices ADATE320 Datasheet HTML 10Page - Analog Devices ADATE320 Datasheet HTML 11Page - Analog Devices ADATE320 Datasheet HTML 12Page - Analog Devices ADATE320 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 9 of 78
Table 4.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
ADATE320-1
−400
mV
CT
Differential Mode Voltage
Measured differentially
100 Ω Differential Termination
ADATE320
250
mV
CT
ADATE320-1
400
mV
CT
No External Termination
ADATE320
450
500
550
mV
P
ADATE320-1
700
800
900
mV
P
AC SPECIFICATIONS
Unless otherwise specified, all ac tests are performed after dc levels
calibration; input transition time: 50 ps 20% to 80%; outputs terminated
50 Ω to 0.0 V; comparator CLC set to ¼ scale (010)
Rise/Fall Times, 20% to 80%
100
ps
CB
Measured with 50 Ω to 0.0 V
Propagation Delay
580
ps
CB
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, comparator
threshold = 0.5 V
Propagation Delay TC
1
ps/°C
CT
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, comparator
threshold = 0.5 V
Propagation Delay Matching High
Transition to Low Transition
10
ps
CB
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, comparator
threshold = 0.5 V
Propagation Delay Matching High
to Low Comparator
10
ps
CB
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, comparator
threshold = 0.5 V
Propagation Delay Dispersion
Drive term mode, VIT = 0.0 V
Slew Rate: 400 ps vs. 1.0 ns
(20% to 80%)
20
ps
CB
VDUTx = 0.0 V to 0.5 V swing, comparator threshold = 0.25 V
Overdrive: 250 mV vs. 1.0 V
25
ps
CB
For 250 mV: VDUTx: 0.0 V to 0.50 V swing; for 1.0 V: VDUTx: 0.0 V to 1.25
V swing, comparator threshold = 0.25 V
1.0 V Pulse Width: 0.4 ns, 0.5
ns, 1 ns, 5 ns, 10 ns
25
ps
CB
VDUTx = 0.0 V to 1.0 V swing, 32 MHz, comparator threshold = 0.5 V
0.5 V Pulse Width: 0.4 ns, 0.5
ns, 1 ns, 5 ns, 10 ns
25
ps
CB
VDUTx = 0.0 V to 0.5 V swing, 32 MHz, comparator threshold = 0.25 V
Duty Cycle: 5% to 95%
10
ps
CB
VDUTx = 0.0 V to 1.0 V swing, 32 MHz, comparator threshold = 0.5 V
Minimum Detectable Pulse Width
200
ps
CB
VDUTx = 0.0 V to 1.0 V swing, 32 MHz, greater than 50% output
differential amplitude
Input Equivalent Rise/Fall Time,
1.0 V, Terminated
110
ps
CB
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, CLC = 010,
measured from digitized plot, 20% to 80% transition time of digitized plot
is root-sum square (RSS) of input equivalent rise/fall and 50 ps input
stimulus
Input Equivalent Rise/Fall Time,
2.0 V, Unterminated
500
ps
CB
VDUTx = 0.0 V to 2.0 V swing, drive high-Z, measured from digitized plot,
20% to 80% transition time of digitized plot is root-sum square (RSS) of
input equivalent rise/fall and 50 ps input stimulus
Cable Loss Compensation (CLC)
VDUTx = 0.0 V to 1.0 V swing, drive term mode, VIT = 0.0 V, maximum
CLC setting
CLC Amplitude
20
%
CB
CLC Resolution
3
Bits
D
CLC Time Constant 1
280
ps
S
CLC Time Constant 2
4.8
ns
S
DIFFERENTIAL MODE COMPARATOR (DMC) SPECIFICATIONS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DC SPECIFICATIONS
VOHx tests at VOLx = −1.5 V, VOLx tests at VOHx = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com