Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 19 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices ADATE320 Datasheet HTML 22Page - Analog Devices ADATE320 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 19 of 78
TEMPERATURE MONITOR SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DC SPECIFICATIONS
Temperature Sensor Gain
10
mV/K
D
3.00 V at room temperature, 300 K (23°C)
Temperature Sensor Accuracy
±10
°C
CT
20°C < TC < 80°C, VCCTHERM only (TJ = TC)
ALARM FUNCTIONS SPECIFICATIONS
Table 12.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DC SPECIFICATIONS
Overvoltage Alarm High, OVDH
Functional Voltage Range
−1.0
+5.0
V
D
OVDL DAC set to DAC Code 0x0000 (−2.5 V)
Uncalibrated Error at −1.0 V
−300
+200
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Uncalibrated Error at 5.0 V
0
500
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Offset Voltage TC
±0.5
mV/°C
CT
Gain
1.05
V/V
CT
Gain derived from measurements at DAC Code 0x4000 (0.0 V)
and DAC Code 0x8CCC (3.0 V); based on an ideal DAC transfer
function (see Table 24)
Hysteresis
140
mV
CT
Hysteresis is only applied coming out of alarm
Overvoltage Alarm Low, OVDL
Functional Voltage Range
−2.0
+4.0
V
D
OVDH DAC set to DAC Code 0xFFFF (7.5 V)
Uncalibrated Error at −2.0 V
−350
+150
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Uncalibrated Error at 4.0 V
−50
+450
mV
P
Includes 5% uncalibrated gain ±250 mV offset
Offset Voltage TC
±0.5
mV/°C
CT
Gain
1.05
V/V
CT
Gain derived from measurements at DAC Code 0x4000 (0.0 V)
and DAC Code 0x8CCC (3.0 V); based on an ideal DAC transfer
function (see Table 24)
Hysteresis
140
mV
CT
Hysteresis is only applied coming out of alarm
Thermal Alarm
Setpoint Error
±10
°C
CT
Relative to default alarm value, TJ = 100°C
Thermal Hysteresis
15
°C
CT
ALARM Output Characteristics
Off State Leakage
10
500
nA
P
Disable alarm, apply VDD to ALARM pin, and measure leakage
current
Maximum On Voltage at 200 µA
0.1
0.7
V
P
ALARM pin asserted, force 200 µA into pin and measure voltage
AC SPECIFICATIONS
Propagation Delay
0.5
µs
CB
For OVDH: VDUTx = 0.0 V to 4.5 V step, OVDH = 4.0 V, OVDL =
−1.0 V; for OVDL: VDUTx = 0.0 V to −1.5 V step, OVDH = 4.0 V,
OVDL = −1.0 V
SERIAL PROGRAMMABLE INTERFACE (SPI) SPECIFICATIONS
Table 13.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage
RST, CS, SCLK, SDI
Logic High
VDD − 0.7
VDD
V
PF
Logic Low
0.0
0.7
V
PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com