Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 69 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices ADATE320 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
Data Sheet
ADATE320
SPI REGISTER MEMORY MAP AND DETAILS
analog.com
Rev. C | 69 of 78
Table 29. SPI Register Memory Map
CH[1:0]1, 2
Address (ADDR[6:0])
R/W
DATA[15:0]3
Register Description
Reset Value
CC
0x2E
R/W
DDDD
POLx (PPMU comparator MV) m coefficient
0xFFFF
01
0x2F
R/W
DDDD
OVDL m coefficient
0xFFFF
10
0x2F
R/W
DDDD
OVDH m coefficient
0xFFFF
XX
0x30
X
XXXX
Reserved
CC
0x31
R/W
DDDD
VIH (driver high level) c coefficient
0x8000
CC
0x32
R/W
DDDD
VIT (driver term level) c coefficient
0x8000
CC
0x33
R/W
DDDD
VIL (driver low level) c coefficient
0x8000
CC
0x34
R/W
DDDD
VCHx (driver reflection clamp) c coefficient
0x8000
CC
0x35
R/W
DDDD
VCLx (driver reflection clamp) c coefficient
0x8000
CC
0x36
R/W
DDDD
VOHx (normal window comparator) c coefficient
0x8000
CC
0x37
R/W
DDDD
VOLx (normal window comparator) c coefficient
0x8000
CC
0x38
R/W
DDDD
VIOH (active load IOHx) c coefficient
0x8000
CC
0x39
R/W
DDDD
VIOL (active load IOL) c coefficient
0x8000
CC
0x3A
R/W
DDDD
PPMU (PPMU FV) c coefficient
0x8000
CC
0x3B
R/W
DDDD
PCHx (PPMU voltage clamp, FI) c coefficient
0x8000
CC
0x3C
R/W
DDDD
PCLx (PPMU voltage clamp, FI) c coefficient
0x8000
CC
0x3D
R/W
DDDD
POHx (PPMU comparator MV) c coefficient
0x8000
CC
0x3E
R/W
DDDD
POLx (PPMU comparator MV) c coefficient
0x8000
01
0x3F
R/W
DDDD
OVDL c coefficient
0x8000
10
0x3F
R/W
DDDD
OVDH c coefficient
0x8000
XX
0x40 to 0x41
X
XXXX
Reserved
CC
0x42
R/W
DDDD
VCOM (active load) m coefficient
0xFFFF
XX
0x43
X
XXXX
Reserved
CC
0x44
R/W
DDDD
PCHx (PPMU current clamp, FV) m coefficient
0xFFFF
CC
0x45
R/W
DDDD
PCLx (PPMU current clamp, FV) m coefficient
0xFFFF
01
0x46
R/W
DDDD
VOHx (differential comparator) m coefficient
0xFFFF
01
0x47
R/W
DDDD
VOLx (differential comparator) m coefficient
0xFFFF
XX
0x48 to 0x49
X
XXXX
Reserved
CC
0x4A
R/W
DDDD
PPMU FI Range A m coefficient
0xFFFF
CC
0x4B
R/W
DDDD
PPMU FI Range B m coefficient
0xFFFF
CC
0x4C
R/W
DDDD
PPMU FI Range C m coefficient
0xFFFF
CC
0x4D
R/W
DDDD
PPMU FI Range D m coefficient
0xFFFF
CC
0x4E
R/W
DDDD
PPMU FI Range E m coefficient
0xFFFF
XX
0x4F
X
XXXX
Reserved
XX
0x50 to 0x51
X
XXXX
Reserved
CC
0x52
R/W
DDDD
VCOM (active load) c coefficient
0x8000
XX
0x53
X
XXXX
Reserved
CC
0x54
R/W
DDDD
PCHx (PPMU current clamp, FV) c coefficient
0x8000
CC
0x55
R/W
DDDD
PCLx (PPMU current clamp, FV) c coefficient
0x8000
01
0x56
R/W
DDDD
VOHx (differential comparator) c coefficient
0x8000
01
0x57
R/W
DDDD
VOLx (differential comparator) c coefficient
0x8000
XX
0x58 to 0x59
X
XXXX
Reserved
CC
0x5A
R/W
DDDD
PPMU FI c coefficient
0x8000
XX
0x5B to 0x5C
X
XXXX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com