Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 68 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
Data Sheet
ADATE320
SPI REGISTER MEMORY MAP AND DETAILS
analog.com
Rev. C | 68 of 78
MEMORY MAP
Table 29. SPI Register Memory Map
CH[1:0]1, 2
Address (ADDR[6:0])
R/W
DATA[15:0]3
Register Description
Reset Value
XX
0x00
X
XXXX
NOP
CC
0x01
R/W
DDDD
VIH DAC level (reset value = 0.0 V)
0x4000
CC
0x02
R/W
DDDD
VIT/VCOM DAC level (reset value = 0.0 V)
0x4000
CC
0x03
R/W
DDDD
VIL DAC level (reset value = 0.0 V)
0x4000
CC
0x04
R/W
DDDD
VCHx DAC level (reset value = VMAX)
0xFFFF
CC
0x05
R/W
DDDD
VCLx DAC level (reset value = VMIN)
0x0000
CC
0x06
R/W
DDDD
VOHx DAC level (reset value = 4.0 V)
0xA666
CC
0x07
R/W
DDDD
VOLx DAC level (reset value = −1.0 V)
0x2666
CC
0x08
R/W
DDDD
VIOH DAC level (reset value ≥ 0 µA)4
0x4000
CC
0x09
R/W
DDDD
VIOL DAC level (reset value ≥ 0 µA)4
0x4000
CC
0x0A
R/W
DDDD
PPMU DAC level (reset value = 0.0 V)
0x4000
CC
0x0B
R/W
DDDD
PCHx DAC level (reset value = VMAX)
0xFFFF
CC
0x0C
R/W
DDDD
PCLx DAC level (reset value = VMIN)
0x0000
CC
0x0D
R/W
DDDD
POHx DAC level (reset value = 4.0 V)
0xA666
CC
0x0E
R/W
DDDD
POLx DAC level (reset value = −1.0 V)
0x2666
01
0x0F
R/W
DDDD
OVDL DAC level (reset value = VMIN)
0x0000
10
0x0F
R/W
DDDD
OVDH DAC level (reset value = VMAX)
0xFFFF
XX
0x10
X
XXXX
Reserved
CC
0x11
R/W
DDDD
DAC control register
0x0000
01
0x12
R/W
DDDD
SPI control register
0x0000
XX
0x13 to 0x18
X
XXXX
Reserved
CC
0x19
R/W
DDDD
DRV control register
0x0000
CC
0x1A
R/W
DDDD
CMP control register
0xFF00
CC
0x1B
R/W
DDDD
Load control register
0x0003
CC
0x1C
R/W
DDDD
PPMU control register
0x0000
01
0x1D
R/W
DDDD
Alarm mask register
0x0085
10
0x1D
R/W
DDDD
Alarm mask register
0x0005
CC
0x1E
R
DDDD
Alarm state register
0x0000
CC
0x1F
R/W
DDDD
Product serialization code register
Unique
XX
0x20
X
XXXX
NOP
CC
0x21
R/W
DDDD
VIH (driver high level) m coefficient
0xFFFF
CC
0x22
R/W
DDDD
VIT (driver term level) m coefficient
0xFFFF
CC
0x23
R/W
DDDD
VIL (driver low level) m coefficient
0xFFFF
CC
0x24
R/W
DDDD
VCHx (driver reflection clamp) m coefficient
0xFFFF
CC
0x25
R/W
DDDD
VCLx (driver reflection clamp) m coefficient
0xFFFF
CC
0x26
R/W
DDDD
VOHx (normal window comparator) m coefficient
0xFFFF
CC
0x27
R/W
DDDD
VOLx (normal window comparator) m coefficient
0xFFFF
CC
0x28
R/W
DDDD
VIOH (active load IOHx) m coefficient
0xFFFF
CC
0x29
R/W
DDDD
VIOL (active load IOL) m coefficient
0xFFFF
CC
0x2A
R/W
DDDD
PPMU (PPMU FV) m coefficient
0xFFFF
CC
0x2B
R/W
DDDD
PCHx (PPMU voltage clamp, FI) m coefficient
0xFFFF
CC
0x2C
R/W
DDDD
PCLx (PPMU voltage clamp, FI) m coefficient
0xFFFF
CC
0x2D
R/W
DDDD
POHx (PPMU comparator MV) m coefficient
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com