Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 1 Page - Analog Devices

  ADATE320 Datasheet HTML 1Page - Analog Devices ADATE320 Datasheet HTML 2Page - Analog Devices ADATE320 Datasheet HTML 3Page - Analog Devices ADATE320 Datasheet HTML 4Page - Analog Devices ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Data Sheet
ADATE320
1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip
Calibration Registers
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
1.25 GHz, 2.5 Gbps data rate
►
3-level driver with high-Z and reflection clamps
►
Window and differential comparators
►
±25 mA active load
►
Per pin parametric measurement unit (PMU) with a −1.5 V to
+4.5 V range
►
Low leakage mode (typically <5 nA)
►
Integrated 16-bit DACs with offset and gain correction
►
1.2 W power dissipation per channel (ADATE320)
►
1.3 W power dissipation per channel (ADATE320-1)
►
Driver
►
Voltage range: −1.5 V to +4.5 V
►
Precision trimmed termination: 50.0 Ω
►
Unterminated swing: 50 mV minimum to 6.0 V maximum
►
400 ps minimum pulse width, 1.0 V programmed swing
►
25 ps deterministic jitter
►
Comparator
►
Differential and single-ended window modes
►
100 ps equivalent input rise/fall time (ERT/EFT)
►
250 mV current mode logic (CML) outputs (ADATE320)
►
400 mV CML outputs (ADATE320-1)
►
Load
►
Per pin PMU (PPMU)
►
Force voltage/compliance range: −1.5 V to +4.5 V
►
5 current ranges
►
±40 mA, ±1 mA, ±100 μA, ±10 µA, ±2 µA
►
Dedicated go/no-go comparators
►
DC levels
►
Fully integrated and dedicated 16-bit DACs
►
On-chip gain and offset calibration registers with automatic
add/multiply function
►
84-lead, 10 mm × 10 mm LFCSP (0.4 mm pitch)
APPLICATIONS
►
Automatic test equipment (ATE)
►
Semiconductor/board test systems
►
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE320 is a complete, single-chip ATE solution that per-
forms the pin electronics functions of a driver, comparator, and
active load (DCL), and a four quadrant per pin parametric meas-
urement unit (PPMU). Dedicated 16-bit digital-to-analog converters
(DACs) with on-chip calibration registers provide all the necessary
dc levels for operation of the device.
The driver features three active modes: high, low, and terminate,
as well as a high impedance inhibit state. The inhibit state, in con-
junction with the integrated dynamic clamps, facilitates significant
attenuation of transmission line reflections when the driver is not
actively terminating the line. The open-circuit drive capability is
−1.5 V to +4.5 V to accommodate a standard range of ATE and
instrumentation applications.
The ADATE320 can be used as a dual, single-ended pin electronics
channel or as a single differential channel. In addition to per chan-
nel high speed window comparators, the ADATE320 provides a
programmable threshold differential comparator for differential ATE
applications.
All dc levels for DCL and PPMU functions are generated by
dedicated, on-chip, 16-bit DACs. To facilitate the programming of
accurate levels, the ADATE320 includes an integrated calibration
function to correct for the gain and offset errors of each functional
block. Correction coefficients can be stored on chip, and any values
written to the DACs adjust automatically using the appropriate
correction factors.
The ADATE320 uses a serial programmable interface (SPI) bus
to program all functional blocks, DACs, and on-chip calibration
constants. It also has an on-chip temperature sensor and overvolt-
age/undervoltage fault clamps that monitor and report the device
temperature and any output pin or transient PPMU voltage faults
that may occur during operation.
The ADATE320 is available in two options. The standard option
has high speed comparator outputs with 250 mV output swing. The
ADATE320-1 has 400 mV output swing. See the Ordering Guide for
more information.


Similar Part No. - ADATE320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320-1KCPZ AD-ADATE320-1KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE320KCPZ AD-ADATE320KCPZ Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
More results

Similar Description - ADATE320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com