Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 76 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices ADATE320 Datasheet HTML 73Page - Analog Devices ADATE320 Datasheet HTML 74Page - Analog Devices ADATE320 Datasheet HTML 75Page - Analog Devices ADATE320 Datasheet HTML 76Page - Analog Devices ADATE320 Datasheet HTML 77Page - Analog Devices ADATE320 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
Data Sheet
ADATE320
DEFAULT TEST CONDITIONS
analog.com
Rev. C | 76 of 78
Table 30. Default Test Conditions
Name
SPI Address
Default Test Con-
dition
Description
VIHx DAC Levels
Address 0x01[x]
2.0 V
VITx/VCOMx DAC Levels
Address 0x02[x]
1.0 V
VILx DAC Levels
Address 0x03[x]
0.0 V
VOHx DAC Levels
Address 0x06[x]
5.0 V
VOLx DAC Levels
Address 0x07[x]
−2.0 V
POHx DAC Levels
Address 0x0D[x
5.5 V
POLx DAC Levels
Address 0x0E[x]
−2.0 V
VCHx DAC Levels
Address 0x04[x]
5.0 V
VCLx DAC Levels
Address 0x05[x]
−2.0 V
PCHx DAC Levels
Address 0x0B[x]
7.0 V
PCLx DAC Levels
Address 0x0C[x]
−2.0 V
VIOHx DAC Levels
Address 0x08[x]
0.0 mA
VIOLx DAC Levels
Address 0x09[x]
0.0 mA
PPMUx DAC Levels
Address 0x0A[x]
0.0 V
OVDH DAC Level
Address 0x0F[1]
5.0 V
OVDL DAC Level
Address 0x0F[0]
−2.0 V
DAC Control Register
Address 0x11[0]
0x0000
DAC calibration disabled, DAC load mode is immediate
SPI Control Register
Address 0x12[1]
0x0000
SDO pin is always active, independent of CS state
DRV Control Registers
Address 0x19[x]
0x0000
Driver disabled in low leakage mode, DATx/RCVx inputs are multiplexed to primary
channels, CLC is off, driver responds high-Z to RCVx inputs when enabled
CMP Control Registers
Address 0x1A[x]
0x0000
Normal window comparator mode, CLC is off, hysteresis is off
LOAD Control Registers
Address 0x1B[x]
0x0000
Active load is disabled and in power-down mode
PPMU Control Registers
Address 0x1C[x]
0x0000
PPMU disabled and in power-down mode, mode set FVMV Range E, input select
VDUTGND internal sense path to VDUTx, PPMU_Mx pins high-Z, clamps disabled
ALARM Mask Registers
Address 0x1D[x]
0x0085
Disable PPMU and overvoltage detector alarm functions
Calibration m Coefficients
Not applicable
1.0 (0xFFFF)
Calibration c Coefficients
Not applicable
0.0 (0x8000)
DATx, RCVx Inputs
Not applicable
Static low
SCLK Input
Not applicable
Static low
DUTx Pins
Not applicable
Unterminated
CMPHx, CMPLx Outputs
Not applicable
Unterminated
VDUTGND
Not applicable
0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com