Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1634L Datasheet (PDF) - Analog Devices

ADG1634L Datasheet PDF - Analog Devices
Part # ADG1634L
Download  ADG1634L Download
File Size   873.59 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1634L Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1634L Datasheet PDF - Analog Devices

Part # ADG1634L
Download  ADG1634L Click to download

File Size   873.59 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1634L Datasheet (HTML) - Analog Devices


ADG1634L Product details

GENERAL DESCRIPTION
The ADG1634L is a monolithic industrial CMOS (iCMOS®) analog
switch comprising four independently selectable single-pole, double-
throw (SPDT) switches, respectively.
All channels exhibit break-before-make switching action that prevents
momentary shorting when switching channels. An EN input
on the ADG1634L is used to enable or disable the device. When
disabled, all channels are switched off. The switch is enabled with a
Logic 1 EN input, while the INx input defines the state of the SPDT
switch (see Table 12).
The ultralow on resistance and on-resistance flatness of the switch
makes it an ideal solution for data acquisition and gain switching
applications, where low distortion is critical. iCMOS construction
ensures ultra low power dissipation, making the device ideally
suited for portable and battery-powered instruments.
An external VL supply provides flexibility for lower logic control. The
ADG1634L is both 1.2 V and 1.8 V JEDEC standard compliant.

FEATURES
► 4.7 Ω typical on resistance for ±5 V dual supply at 25°C
► 1.2 Ω on-resistance flatness for ±5 V dual supply at 25°C
► Fully specified at ±5 V, +12 V, +5 V, and +3.3 V
► ±3.3 V to ±8 V dual-supply operation
► 3.3 V to 16 V single-supply operation
► VL supply for low logic level compatibility
► 1.8 V JEDEC standard compliant
► 1.2 V JEDEC standard compliant
► Rail-to-rail operation
► 24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
► Communication systems
► Medical systems
► Audio signal routing
► Video signal routing
► Automatic test equipment
► Data acquisition systems
► Battery-powered systems
► FPGA and microcontroller systems
► Sample-and-hold systems
► Relay replacements

PRODUCT HIGHLIGHTS
1. 8.2 Ω maximum on resistance over temperature.
2. Minimum distortion.
3. VL supply for low logic level compatibility.
4. JEDEC standard compliant for both 1.2 V and 1.8 V logic levels.
5. Guaranteed switch off when digital inputs are floating.
6. 24-lead, 4 mm × 4 mm LFCSP.




Similar Part No. - ADG1634L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1634 AD-ADG1634 Datasheet
539Kb / 20P
4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1634BCPZ-REEL7 AD-ADG1634BCPZ-REEL7 Datasheet
539Kb / 20P
4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1634BRUZ AD-ADG1634BRUZ Datasheet
539Kb / 20P
4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1634BRUZ-REEL7 AD-ADG1634BRUZ-REEL7 Datasheet
539Kb / 20P
4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
More results


Similar Description - ADG1634L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
EVAL-ADG1634L AD-EVAL-ADG1634L Datasheet
851Kb / 9P
Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com