Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1412L Datasheet (PDF) - Analog Devices

ADG1412L Datasheet PDF - Analog Devices
Part # ADG1412L
Download  ADG1412L Download
File Size   899.61 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1412L Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1412L Datasheet PDF - Analog Devices

Part # ADG1412L
Download  ADG1412L Click to download

File Size   899.61 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

ADG1412L Datasheet (HTML) - Analog Devices


ADG1412L Product details

GENERAL DESCRIPTION
The ADG1412L is a monolithic complementary metal-oxide semiconductor
(CMOS) device containing four independently selectable
switches designed on an iCMOS® process. Industrial CMOS (iCMOS)
is a modular manufacturing process combining high voltage
CMOS and bipolar technologies.
The on-resistance profile is flat over the full analog input range,
ensuring excellent linearity and low distortion (1.5 Ω typical) when
switching signals.
The ADG1412L contains four independent SPST switches, and
these switches are turned on with Logic 1. Each switch conducts
equally well in both directions when on and has an input signal
range that extends to the supplies. In the off condition, signal levels
up to the supplies are blocked.
An external VL supply provides flexibility for lower logic control. The
ADG1412L is both 1.2 V and 1.8 V JEDEC standard compliant.

FEATURES
► 1.5 Ω on resistance for ±15 V dual supply at 25°C
► 0.3 Ω on-resistance flatness for ±15 V dual supply at 25°C
► 0.1 Ω on-resistance match between channels for ±15 V dual
supply at 25°C
► Fully specified at ±15 V, +12 V, ±5 V
► ±4.5 V to ±16.5 V dual-supply operation
► 5 V to 16.5 V single-supply operation
► VL supply for low logic-level compatibility
► 1.8 V JEDEC standard compliant (JESD8-7A)
► 1.2 V JEDEC standard compliant (JESD8-12A.01)
► Rail-to-rail operation
► 24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
► Automated test equipment
► Data-acquisition systems
► Battery-powered systems
► Sample-and-hold systems
► FPGA and microcontroller systems
► Audio signal routing
► Video signal routing
► Communications systems
► Relay replacement




Similar Part No. - ADG1412L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1412 AD-ADG1412 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1412YCPZ-500RL7 AD-ADG1412YCPZ-500RL7 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1412YCPZ-REEL7 AD-ADG1412YCPZ-REEL7 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1412YRUZ AD-ADG1412YRUZ Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1412YRUZ-REEL AD-ADG1412YRUZ-REEL Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
More results


Similar Description - ADG1412L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
EVAL-ADG1634L AD-EVAL-ADG1634L Datasheet
851Kb / 9P
Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG6412 AD-ADG6412 Datasheet
761Kb / 18P
0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com