Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843AD1 Datasheet (PDF) - STMicroelectronics

UC3843AD1 Datasheet PDF - STMicroelectronics
Part # UC3843AD1
Download  UC3843AD1 Download
File Size   174.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

UC3843AD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3843AD1 Datasheet PDF - STMicroelectronics

Part # UC3843AD1
Download  UC3843AD1 Click to download

File Size   174.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

UC3843AD1 Datasheet (HTML) - STMicroelectronics


UC3843AD1 Product details

1 FEATURES
■ TRIMMED OSCILLATOR DISCHARGE
CURRENT
■ CURRENT MODE OPERATION TO 500kHz
AUTOMATIC FEED FORWARD
COMPENSATION
■ LATCHING PWM FOR CYCLE-BY-CYCLE
CURRENT LIMITING
■ INTERNALLY TRIMMED REFERENCE WITH
UNDERVOLTAGE LOCKOUT
■ HIGH CURRENT TOTEM POLE OUTPUT
UNDERVOLTAGE LOCKOUT WITH
HYSTERESIS
■ LOW START-UP CURRENT (< 0.5mA)
DOUBLE PULSE SUPPRESSION

2 DESCRIPTION
The UC384xA family of control ICs provides the
necessary features to implement off-line or DC to
DC fixed frequency current mode control schemes
with a minimal external parts count. Internally implemented circuits include a trimmed oscillator for
precise DUTY CYCLE CONTROL under voltage
lockout featuring start-up current less than 0.5mA,
a precision reference trimmed for accuracy at the
error amp input, logic to insure latched operation,
a PWM comparator which also provides current
limit control, and a totem pole output stage designed to source or sink high peak current. The
output stage, suitable for driving N-Channel MOSFETs, is low in the off-state.
Differences between members of this family are
the under-voltage lockout thresholds and maximum duty cycle ranges. The UC3842A and
UC3844A have UVLO thresholds of 16V (on) and
10V (off), ideally suited off-line applications The
corresponding thresholds for the UC3843A and
UC3845A are 8.5 V and 7.9V. The UC3842A and
UC3843A can operate to duty cycles approaching
100%. A range of the zero to < 50 % is obtained by
the UC3844A and UC3845A by the addition of an
internal toggle flip flop which blanks the output off
every other clock cycle.




Similar Part No. - UC3843AD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3843AD1 STMICROELECTRONICS-UC3843AD1 Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC3843AD1 STMICROELECTRONICS-UC3843AD1 Datasheet
129Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
ON Semiconductor
UC3843AD1 ONSEMI-UC3843AD1 Datasheet
359Kb / 18P
High Performance Current Mode Controllers
November, 2005 ??Rev. 8
UC3843AD1G ONSEMI-UC3843AD1G Datasheet
359Kb / 18P
High Performance Current Mode Controllers
November, 2005 ??Rev. 8
UC3843AD1R2 ONSEMI-UC3843AD1R2 Datasheet
359Kb / 18P
High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results


Similar Description - UC3843AD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com