Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A3942 Datasheet (PDF) - Holtek Semiconductor Inc

HT7A3942 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7A3942
Download  HT7A3942 Download
File Size   1464.32 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High Performance Current Mode PWM Controller

HT7A3942 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7A3942 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7A3942
Download  HT7A3942 Click to download

File Size   1464.32 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High Performance Current Mode PWM Controller

HT7A3942 Datasheet (HTML) - Holtek Semiconductor Inc


HT7A3942 Product details

Description
The HT7A3942 is a high performance, low cost Current Mode PWM controller for providing necessary feature to implement Off-Line application. By Optimizing for the Energy Star 2.0 spec., the Power Supply Unit (PSU) implemented using the HT7A3942 can satisfy the “Energy Star No-Load Mode” Stand-by Power standard, which is less than 0.3W within all Nameplate Output Power Range of 0~250W. Internally implemented circuits include a trimmed Oscillator for precise frequency control, a temperature-compensated Voltage Reference, Slope Compensation, Leading-Edge Blanking, and a patented Non-Audible Noise Green Mode Control Scheme.
The HT7A3942 features a range of various protection functions such Short-Circuit Protection (SCP, which can also be used for Over-Load Protection, OLP), Cycle-by-Cycle Current Limiting and Under Voltage Lock-Out (UVLO).

Feature
• High performance, low cost current mode PWM controller especially designed for energy star 2.0
• High-Voltage CMOS process with excellent ESD protection (>3KV)
• Very low startup current (<20μA) and operating current
• ±5% trimmed oscillator for precise frequency control
• Non-audible-noise Green Mode control
• LEB (Leading-Edge Blanking) on CS pin
• Internal slope compensation
• Programmable switching frequency
• Internally trimmed reference with UVLO (Under Voltage Lockout)
• Cycle-by-Cycle Current Limiting
• Build-in Short-Circuit-Protection(SCP) for Short-Circuit and Over-Load condition
• 8-Pin SOP package

Applications
• Switching AC-DC adaptor
• Open frames switching power supply
• LCD TV




Similar Part No. - HT7A3942

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A4016 HOLTEK-HT7A4016 Datasheet
1Mb / 12P
Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6005 HOLTEK-HT7A6005 Datasheet
1Mb / 11P
Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
More results


Similar Description - HT7A3942

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com