Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A4016 Datasheet (PDF) - Holtek Semiconductor Inc

HT7A4016 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7A4016
Download  HT7A4016 Download
File Size   1280.52 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller

HT7A4016 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7A4016 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7A4016
Download  HT7A4016 Click to download

File Size   1280.52 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller

HT7A4016 Datasheet (HTML) - Holtek Semiconductor Inc


HT7A4016 Product details

General Description
The HT7A4016 is a controller IC that includes the necessary features to implement off-line or DC-DC current mode control schemes with a minimal external parts count. Internal circuits include a specially designed Mixed-Mode/Analog Interface for multifunction and multi-topology control schemes (DC-DC Buck/Boost, Off-line AC-DC), a trimmed oscillator for precise duty-cycle control under voltage lockout with a start-up current of less than 0.5mA, a wide temperature range, precise voltage reference, internal Slope Compensation and Leading-Edge Blanking. The HT7A4016 features basic system protection functions such as Cycle-by-Cycle Current Limiting and Under Voltage Lock-Out (UVLO).
A Multi-Function Pin can be used as a dimming function for LED driving, and as a primary feedback control for Primary-Side Feedback AC-DC applications.

Feature
• High Performance, Low Cost Current Mode PWM Controller especially designed for Energy Star 2.0
• Very Low Startup Current (<20μA) and Operating Current
• High-Voltage CMOS Process with Excellent ESD protection (>3KV)
• ±5% Trimmed Oscillator for Precise Frequency Control
• LEB (Leading-Edge Blanking) on CS Pin
• Internal Slope Compensation
• Programmable Switching Frequency
• Internally Trimmed Reference with UVLO (Under Voltage Lockout)
• Cycle-by-Cycle Current Limiting

Applications
• Switching AC-DC Adaptors
• DC-DC Switching Buck/Boost Converters
• LED Backlights for LCD/LED TVs

Package 8 SOP-A




Similar Part No. - HT7A4016

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6005 HOLTEK-HT7A6005 Datasheet
1Mb / 11P
Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
More results


Similar Description - HT7A4016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17598 MAXIM-MAX17598 Datasheet
3Mb / 25P
Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Rev 0; 1/12
logo
Texas Instruments
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Holtek Semiconductor In...
HT7A6005 HOLTEK-HT7A6005 Datasheet
1Mb / 11P
Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com