Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33153 Datasheet (PDF) - Microchip Technology

MIC33153 Datasheet PDF - Microchip Technology
Part # MIC33153
Download  MIC33153 Download
File Size   3444.92 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good

MIC33153 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC33153 Datasheet PDF - Microchip Technology

Part # MIC33153
Download  MIC33153 Click to download

File Size   3444.92 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good

MIC33153 Datasheet (HTML) - Microchip Technology


MIC33153 Product details

General Description
The MIC33153 is a high-efficiency 4 MHz 1.2A
synchronous buck regulator with an internal inductor,
HyperLight Load® mode, Power Good (PG) output
indicator, and programmable soft-start. HyperLight
Load® provides very high efficiency at light loads and
ultra-fast transient response which makes the
MIC33153 perfectly suited for supplying processor
core voltages.
An additional benefit of this proprietary architecture is
very low output ripple voltage throughout the entire
load range with the use of small output capacitors.
The MIC33153 is designed so that only two external
capacitors as small as 2.2 μF are needed for stability.
This gives the MIC33153 the ease of use of an LDO
with the efficiency of a HyperLight Load® DC converter.
The MIC33153 achieves efficiency in HyperLight
Load® mode as high as 85% at 1 mA, with a very low
quiescent current of 22 μA. At higher loads, the
MIC33153 provides a constant switching frequency up
to 4 MHz.
The MIC33153 is available in 14-lead 3.0 mm x 3.5 mm
TDFN package with an operating junction temperature
range from –40°C to +125°C.

Features
• Internal Inductor
• Simplifies Design to Two External Capacitors
• Input Voltage: 2.7V to 5.5V
• Output Voltage: Fixed or Adjustable (0.62V to 3.6V)
• Up to 1.2A Output Current
• Up to 93% Peak Efficiency
• 85% Typical Efficiency at 1 mA
• Power Good (PG) Output
• Programmable Soft-Start
• 22 μA Typical Quiescent Current
• 4 MHz PWM Operation in Continuous Mode
• Ultra-Fast Transient Response
• Low Ripple Output Voltage
- 35 mVPP Ripple in HyperLight Load® Mode
- 7 mV Output Voltage Ripple in Full PWM Mode
• 0.01 μA Shutdown Current
• Thermal Shutdown and Current Limit Protection
• 14-lead 3.0 x 3.5 x 1.1 mm TDFN Package
• –40°C to +125°C Junction Temperature Range

Applications
• Solid State Drives (SSD)
• Mobile Handsets
• Portable Media/MP3 Players
• Portable Navigation Devices (GPS)
• WiFi/WiMax/WiBro Modules
• Wireless LAN Cards
• Portable Applications




Similar Part No. - MIC33153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC33153-4YHJ MICREL-MIC33153-4YHJ Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC33153YHJ MICREL-MIC33153YHJ Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
More results


Similar Description - MIC33153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC33030 MICROCHIP-MIC33030 Datasheet
3Mb / 24P
8 MHz 400 mA Internal Inductor Buck Regulator with HyperLight Load짰
09/14/21
MIC33050 MICROCHIP-MIC33050 Datasheet
2Mb / 22P
4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
09/14/21
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com