Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33153 Datasheet (PDF) - Micrel Semiconductor

MIC33153 Datasheet PDF - Micrel Semiconductor
Part # MIC33153
Download  MIC33153 Download
File Size   950.74 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good

MIC33153 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC33153 Datasheet PDF - Micrel Semiconductor

Part # MIC33153
Download  MIC33153 Click to download

File Size   950.74 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good

MIC33153 Datasheet (HTML) - Micrel Semiconductor


MIC33153 Product details

General Description
The MIC33153 is a high-efficiency 4MHz 1.2A synchronous buck regulator with an internal inductor, HyperLight Load™ mode, Power Good (PG) output indicator, and programmable soft start. HyperLight Load™ provides very high efficiency at light loads and ultra-fast transient response which makes the MIC33153 perfectly suited for supplying processor core voltages. An additional benefit of this proprietary architecture is very low output ripple voltage throughout the entire load range with the use of small output capacitors.

Features
• Internal inductor
    − Simplifies design to two external capacitors
• Input voltage: 2.7V to 5.5V
• Output voltage: fixed or adjustable (0.62V to 3.6V)
• Up to 1.2 A output current
• Up to 93% peak efficiency
• 85% typical efficiency at 1mA
• Power Good (PG) output
• Programmable soft start
• 22µA typical quiescent current
• 4MHz PWM operation in continuous mode
• Ultra-fast transient response
• Low ripple output voltage
    − 35mVpp ripple in HyperLight Load™ mode
    − 7mV output voltage ripple in full PWM mode
• 0.01µA shutdown current
• Thermal shutdown and current limit protection
• 14-pin 3.0 x 3.5 x 1.1mm MLF® package
• –40°C to +125°C junction temperature range

Applications
• Solid State Drives (SSD)
• Mobile handsets
• Portable media/MP3 players
• Portable navigation devices (GPS)
• WiFi/WiMax/WiBro modules
• Wireless LAN cards
• Portable applications




Similar Part No. - MIC33153

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153-4YHJ-TR MICROCHIP-MIC33153-4YHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153-SYHJ-TR MICROCHIP-MIC33153-SYHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
MIC33153YHJ-TR MICROCHIP-MIC33153YHJ-TR Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Similar Description - MIC33153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC33050 MICREL-MIC33050_12 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load짰
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com