Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0006 Datasheet (PDF) - M.S. Kennedy Corporation

MSK0006 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK0006
Download  MSK0006 Download
File Size   182.3 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH LEVEL DIGITAL DRIVER

MSK0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0006 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK0006
Download  MSK0006 Click to download

File Size   182.3 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH LEVEL DIGITAL DRIVER

MSK0006 Datasheet (HTML) - M.S. Kennedy Corporation


MSK0006 Product details

DESCRIPTION:
The MSK 0006 is an integrated high voltage, high current driver designed to accept standard DTL or TTL logic levels and drive a load of up to 400 mA at 28V. AND inputs are provided along with an Expander connection, should additional gating be required. The addition of an external capacitor provides control of the rise and fall times of the output. The device is packaged in a hermetic 10 pin can.

FEATURES:
• Single Supply Operation From 10V to 45V
• Replaces NH/DH0006
• ’And’ Input Logic With Expander
• External Transition Time Control
• Output Current to 400mA
• Available to DSCC SMD 5962-87617




Similar Part No. - MSK0006

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0006 ANAREN-MSK0006 Datasheet
273Kb / 6P
HIGH LEVEL DIGITAL DRIVER
MSK0006H ANAREN-MSK0006H Datasheet
273Kb / 6P
HIGH LEVEL DIGITAL DRIVER
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results


Similar Description - MSK0006

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008 Datasheet
185Kb / 5P
VERY HIGH LEVEL DIGITAL DRIVER
logo
Extech Instruments Corp...
407730 EXTECH-407730 Datasheet
136Kb / 6P
Digital Sound Level Meter
407732 EXTECH-407732 Datasheet
165Kb / 6P
Digital Sound Level Meter
407735 EXTECH-407735 Datasheet
77Kb / 4P
Digital Sound Level Meter
407736 EXTECH-407736 Datasheet
82Kb / 6P
Digital Sound Level Meter
407738 EXTECH-407738 Datasheet
121Kb / 8P
Digital Sound Level Meter
407740 EXTECH-407740 Datasheet
113Kb / 4P
Digital Sound Level Meter
407750 EXTECH-407750 Datasheet
103Kb / 8P
Digital Sound Level Meter
407768 EXTECH-407768 Datasheet
88Kb / 7P
Digital Sound Level Meter
logo
Anaren Microwave
MSK0006 ANAREN-MSK0006 Datasheet
273Kb / 6P
HIGH LEVEL DIGITAL DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com