Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0008 Datasheet (PDF) - M.S. Kennedy Corporation

MSK0008 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK0008
Download  MSK0008 Download
File Size   185.53 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH LEVEL DIGITAL DRIVER

MSK0008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0008 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK0008
Download  MSK0008 Click to download

File Size   185.53 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH LEVEL DIGITAL DRIVER

MSK0008 Datasheet (HTML) - M.S. Kennedy Corporation


MSK0008 Product details

DESCRIPTION:
The MSK 0008 is an integrated high voltage, high current driver designed to accept standard DTL or TTL logic levels and drive a pulsed load of up to 3A at 28V. AND inputs are provided along with an Expander connection, should additional gating be required. The addition of an external capacitor and resistor provides control of the rise and fall times of the output. The device is packaged in a hermetic 10 pin can.

FEATURES:
• Single Supply Operation From 10V to 45V
• Replaces NH/DH0008
• ’And’ Input Logic With Expander
• External Transition Time Control
• Output Current to 3A Peak
• Available to DSCC SMD 5962-87617




Similar Part No. - MSK0008

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
Single Supply Operation From 10V to 45V
More results


Similar Description - MSK0008

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006 Datasheet
182Kb / 5P
HIGH LEVEL DIGITAL DRIVER
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Extech Instruments Corp...
407730 EXTECH-407730 Datasheet
136Kb / 6P
Digital Sound Level Meter
407735 EXTECH-407735 Datasheet
77Kb / 4P
Digital Sound Level Meter
407750 EXTECH-407750 Datasheet
103Kb / 8P
Digital Sound Level Meter
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
very-high sensitivity light-to-digital
logo
Anaren Microwave
MSK0006 ANAREN-MSK0006 Datasheet
273Kb / 6P
HIGH LEVEL DIGITAL DRIVER
logo
STMicroelectronics
STEVAL-LLL009V1 STMICROELECTRONICS-STEVAL-LLL009V1 Datasheet
1Mb / 12P
300 W very high AC input voltage LED driver with digital power control
Rev 1 - November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com