Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2012E Datasheet (PDF) - Vishay Siliconix

DG2012E Datasheet PDF - Vishay Siliconix
Part # DG2012E
Download  DG2012E Download
File Size   166.0 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)

DG2012E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2012E Datasheet PDF - Vishay Siliconix

Part # DG2012E
Download  DG2012E Click to download

File Size   166.0 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)

DG2012E Datasheet (HTML) - Vishay Siliconix


DG2012E Product details

FEATURES
• Low switch on-resistance (1 Ω)
• 1.65 V to 5.5 V single supply operation
• Isolation in powered-off mode
• Control logic inputs can go over V+
• Low charge injection (5 pC)
• Low total harmonic distortion
• Break before make switching
• Latch-up performance exceeds 300 mA per JESD 78
• ESD tested
- 7000 V human body model (JS-001)
- 1000 V charge device model (JS-002)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
• Smartphones and tablets
• Consumer and computing
• Portable instrumentation
• Medical equipment

DESCRIPTION
The DG2012E is a high performance single-pole,
double-throw (SPDT) analog switch designed for 1.8 V to
5.5 V operation with a single power rail.
Fabricated with high density CMOS technology, the device
achieves low on resistance of 1 Ω at a 5 V power supply, low
power consumption, and fast switching speeds.
The DG2012E can handle both analog and digital signals
and permits signals with amplitudes of up to V+ to be
transmitted in either direction. Its control logic inputs can go
over V+ up to 5.5 V. It features break before make switching
performance. Its -3 dB bandwidth is typically 160 MHz.
A powered-off protection circuit is built into the switch to
prevent an abnormal current flow from COM pin to V+ during
the power-down condition. Each output pin can withstand
greater than 7 kV (human body model).
Operation temperature is specified from -40 °C to +85 °C.
The DG2012E is available in SC-70-6L package.




Similar Part No. - DG2012E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2012 VISHAY-DG2012 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Vishay Siliconix
DG2012DL VISHAY-DG2012DL Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2012DL-T1 VISHAY-DG2012DL-T1 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
More results


Similar Description - DG2012E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
logo
Vishay Siliconix
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
logo
Texas Instruments
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
logo
Vishay Siliconix
DG2001E VISHAY-DG2001E Datasheet
216Kb / 12P
Powered-off Protection, 0.85 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG9411E VISHAY-DG9411E Datasheet
183Kb / 11P
Powered-off Protection, 6 Ω 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4157E VISHAY-DG4157E Datasheet
199Kb / 11P
Powered-off Isolation, 0.86 Ω, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG2002E VISHAY-DG2002E Datasheet
182Kb / 11P
Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG3157E VISHAY-DG3157E Datasheet
130Kb / 7P
Powered-off Protection, High Speed, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer / Demultiplexer Bus Switch)
23-Apr-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com