Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2002E Datasheet (PDF) - Vishay Siliconix

DG2002E Datasheet PDF - Vishay Siliconix
Part # DG2002E
Download  DG2002E Download
File Size   182.71 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)

DG2002E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2002E Datasheet PDF - Vishay Siliconix

Part # DG2002E
Download  DG2002E Click to download

File Size   182.71 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)

DG2002E Datasheet (HTML) - Vishay Siliconix


DG2002E Product details

FEATURES
• Low switch on-resistance (6 Ω)
• +1.8 V to +5.5 V single supply operation
• Powered-off protection
• Control logic inputs can go over V+
• Low parasitic capacitance, 7 pF at switch off
• Low charge injection, 1 pC
• Break before make switching
• Latch-up performance exceeds 200 mA per JESD 78
• High ESD rating
- 7000 V human body model (JS-001)
- 1000 V charge device model (JS-002)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
• Battery powered devices
• Instrumentation
• Medical equipment
• Low voltage data acquisistion
• Control and automation
• Consumer and computing

DESCRIPTION
The DG2002E is a high performance single-pole,
double-throw (SPDT) analog switch designed for 1.8 V to
5.5 V operation with a single power rail.
Fabricated with high density CMOS technology, the device
achieves low on resistance of 6 Ω and switch off
capacitance of 7 pF at a 5 V power supply and low power
consumption, and fast switching speeds. Its charge
injection is 1 pC.
The DG2002E can handle both analog and digital signals
and permits signals with amplitudes of up to V+ to be
transmitted in either direction. Its control logic inputs can go
over V+ up to 5.5 V. It features break before make switching
performance.
A powered-off protection circuit is built into the switch to
prevent an abnormal current flow from COM pin to V+ during
the power-down condition. Each output pin can withstand
greater than 7 kV (human body model).
Operation temperature is specified from -40 °C to +85 °C.
The DG2002E is available in the compact SC-70-6L
package.




Similar Part No. - DG2002E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2002 VISHAY-DG2002 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002 VISHAY-DG2002 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
logo
DB Lectro Inc
DG2002-40-01P DBLECTRO-DG2002-40-01P Datasheet
8Kb / 1P
DEGSON # DG2002-4.0-01P (DG2002-4.0-01P)
logo
Vishay Siliconix
DG2002DL-T1 VISHAY-DG2002DL-T1 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002DL-T1 VISHAY-DG2002DL-T1 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results


Similar Description - DG2002E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
logo
Vishay Siliconix
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
logo
Vishay Siliconix
DG2001E VISHAY-DG2001E Datasheet
216Kb / 12P
Powered-off Protection, 0.85 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG9411E VISHAY-DG9411E Datasheet
183Kb / 11P
Powered-off Protection, 6 Ω 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4157E VISHAY-DG4157E Datasheet
199Kb / 11P
Powered-off Isolation, 0.86 Ω, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG2012E VISHAY-DG2012E Datasheet
166Kb / 10P
Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG3157E VISHAY-DG3157E Datasheet
130Kb / 7P
Powered-off Protection, High Speed, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer / Demultiplexer Bus Switch)
23-Apr-18
logo
Texas Instruments
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com