Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2002 Datasheet (PDF) - Vishay Siliconix

DG2002 Datasheet PDF - Vishay Siliconix
Part # DG2002
Download  DG2002 Download
File Size   140.55 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2002 Datasheet PDF - Vishay Siliconix

Part # DG2002
Download  DG2002 Click to download

File Size   140.55 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG2002 Datasheet (HTML) - Vishay Siliconix


DG2002 Product details

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - rDS(on): 7 Ω
• Fast switching - tON : 8 ns, tOFF: 6 ns
• Low charge injection - QINJ: 5 pC
• Low power consumption
• TTL/CMOS compatible
• 6-pin SC70 package

BENEFITS
• Reduced power consumption
• Simple logic interface
• High accuracy
• Reduce board space

APPLICATIONS
• Cellular phones
• Communication systems
• Portable test equipment
• Battery operated systems
• Sample and hold circuits

DESCRIPTION
The DG2002 is a single-pole/double-throw monolithic CMOS
analog switch designed for high performance switching of
analog signals. Combining low power, high speed (tON: 8 ns,
tOFF: 6 ns), low on-resistance (rDS(on): 7 Ω) and small
physical size (SC70), the DG2002 is ideal for portable and
battery powered applications requiring high performance
and efficient use of board space.
The DG2002 is built on Vishay Siliconix’s low voltage JI2
process. An epitaxial layer prevents latchup. Break-before -
make is guaranteed for DG2002.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.




Similar Part No. - DG2002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2002 VISHAY-DG2002 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
logo
DB Lectro Inc
DG2002-40-01P DBLECTRO-DG2002-40-01P Datasheet
8Kb / 1P
DEGSON # DG2002-4.0-01P (DG2002-4.0-01P)
logo
Vishay Siliconix
DG2002DL-T1 VISHAY-DG2002DL-T1 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002DL-T1-E3 VISHAY-DG2002DL-T1-E3 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002E VISHAY-DG2002E Datasheet
182Kb / 11P
Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
More results


Similar Description - DG2002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2002 VISHAY-DG2002 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com