Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2002 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2002
Description  Low-Voltage Single SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2002 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2002 Datasheet HTML 1Page - Vishay Siliconix DG2002 Datasheet HTML 2Page - Vishay Siliconix DG2002 Datasheet HTML 3Page - Vishay Siliconix DG2002 Datasheet HTML 4Page - Vishay Siliconix DG2002 Datasheet HTML 5Page - Vishay Siliconix DG2002 Datasheet HTML 6Page - Vishay Siliconix DG2002 Datasheet HTML 7Page - Vishay Siliconix DG2002 Datasheet HTML 8Page - Vishay Siliconix DG2002 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 71448
S-72609-Rev. C, 24-Dec-07
www.vishay.com
3
Vishay Siliconix
DG2002
SPECIFICATIONS V+ = 3.0 V
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ±10 %
VIN = 0.4 or 2.0 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistanced
rON
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA
Room
Full
12.2
13
14.8
15.8
Ω
rON Flatness
d
rON
Flatness
V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
5
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 3.3 V
VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
Room
Full
- 500
- 4.0
500
4.0
pA
nA
ICOM(off)
Room
Full
- 500
- 4.0
500
4.0
pA
nA
Channel-On Leakage
Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
- 500
- 4.0
500
4.0
pA
nA
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
3
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 2.0 V, RL = 300 Ω, CL = 35 pF
Figures 1 and 2
Room
Full
12
21
22
ns
Turn-Off Timed
tOFF
Room
Full
714
15
Break-Before-Make Timed
td
Room
1
6
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω, Figure 3
Room
5
10
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 67
dB
Crosstalkd
XTALK
Room
- 69
NO, NC Off Capacitanced
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
5
pF
Channel-On Capacitanced
CON
Room
29
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
VIN = 0 or V+
0.01
1.0
µA
Power Consumption
PC
3.3
µW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com