Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2501 Datasheet (PDF) - Vishay Siliconix

DG2501 Datasheet PDF - Vishay Siliconix
Part # DG2501
Download  DG2501 Download
File Size   201.21 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches

DG2501 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2501 Datasheet PDF - Vishay Siliconix

Part # DG2501
Download  DG2501 Click to download

File Size   201.21 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches

DG2501 Datasheet (HTML) - Vishay Siliconix


DG2501 Product details

FEATURES
• 1.8 V to 5.5 V single supply operation
• Low leakage, 1 nA / max. at 85 °C
• Low switch off capacitance
• Rail-to-rail signal handling
• Latch up current > 800 mA (JESD78)
• ESD: 8000 V/HBM
• Typical power consumption (< 0.01 μW)
• TTL/CMOS compatible
• Compact WCSP16 1.44 mm x 1.44 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Analog front end signal switching
• Sample-and-hold circuits
• Battery-powered systems
• Portable meters
• Automatic test equipment
• Medical and healthcare equipment
• Communication systems

DESCRIPTION
The DG2501, DG2502, and DG2503 are monolithic quad
single-pole single-throw (SPST) analog switches that
operate from a single 1.8 V to 5.5 V power supply.
These switches are fully specified at 3 V and 5 V. The parts
feature low parasitic capacitance, low charge injection, and
low leakage performance over the full operating
temperature range of -40 °C to +85 °C. Their ESD/HBM
tolerance is over 8 kV.
The DG2501, DG2502, and DG2503 each feature four
independently selectable SPST switches with closely
matched channel resistance. The DG2501 is normally
closed, while the DG2502 is normally open.
The DG2503 has two normally open and two normally
closed switches. All parts are guaranteed
break-before-make operation for use in multiplexer
applications. The parts have a guaranteed control logic high
of 1.4 V when V+ is 3 V and 1.8 V when V+ is 5 V.
Each switch conducts equally well in both directions when
on, and each has an input signal range that extends to the
supplies.
The DG2501, DG2502, and DG2503 are ideal for portable
healthcare, instrument, and communication devices.
The DG2501, DG2502, and DG2503 are available in wafer
level CSP package with top side lamination.
The package has a 4 x 4 bump array, 0.35 mm pitch, and
1.44 mm x 1.44 mm length and width.




Similar Part No. - DG2501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
DG2501DB-T2-GE1 VISHAY-DG2501DB-T2-GE1 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
DG2501DB-T4-GE1 VISHAY-DG2501DB-T4-GE1 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
More results


Similar Description - DG2501

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Linear Technology
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
Linear Technology
LTC201A LINER-LTC201A_02 Datasheet
195Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com