Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2515 Datasheet (PDF) - Vishay Siliconix

DG2515 Datasheet PDF - Vishay Siliconix
Part # DG2515
Download  DG2515 Download
File Size   176.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch

DG2515 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2515 Datasheet PDF - Vishay Siliconix

Part # DG2515
Download  DG2515 Click to download

File Size   176.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch

DG2515 Datasheet (HTML) - Vishay Siliconix


DG2515 Product details

FEATURES
• 1.8 V to 5.5 V single supply operation
• Low RON: 3 Ω at 4.2 V
• 235 MHz, - 3 dB bandwidth
• Low off-isolation, - 51 dB at 10 MHz
• + 1.6 V logic compatible

BENEFITS
• High linearity
• Low power consumption
• High bandwidth
• Full rail signal swing range

APPLICATIONS
• USB/UART signal switching
• Audio/video switching
• Cellular phone
• Media players
• Modems
• Hard drives
• PCMCIA

DESCRIPTION
The DG2515, DG2516 are low-voltage dual single-pole/
double-throw monolithic CMOS analog switches. Designed
to operate from 1.8 V to 5.5 V power supply, the DG2515,
DG2516 achieves a bandwidth of 235 MHz while providing
low on-resistance (3 Ω), excellent on-resistance matching
(0.2 Ω) and flatness (1 Ω) over the entire signal range.
The DG2515, DG2516 offers the advantage of high linearity
that reduces signal distortion, making ideal for audio, video,
and USB signal routing applications. Additionally, the
DG2515, DG2516 are 1.6 V logic compatible within the full
operation voltage range.
Built on Vishay Siliconix’s proprietary sub-micron highdensity
process, the DG2515, DG2516 brings low power
consumption at the same time as reduces PCB spacing with
the MSOP10 package.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device termination, the lead (Pb)-free "- E3" suffix is being
used as a designator.




Similar Part No. - DG2515

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2515DQ-T1-E3 VISHAY-DG2515DQ-T1-E3 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
More results


Similar Description - DG2515

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2721 VISHAY-DG2721 Datasheet
124Kb / 7P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
20-Mar-17
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2723 VISHAY-DG2723_V01 Datasheet
156Kb / 10P
700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch
22-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com