Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2721 Datasheet (PDF) - Vishay Siliconix

DG2721 Datasheet PDF - Vishay Siliconix
Part # DG2721
Download  DG2721 Download
File Size   124.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch

DG2721 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2721 Datasheet PDF - Vishay Siliconix

Part # DG2721
Download  DG2721 Click to download

File Size   124.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch

DG2721 Datasheet (HTML) - Vishay Siliconix


DG2721 Product details

DESCRIPTION
DG2721 is a low Ron, high bandwidth analog switch configured in dual SPDT.
It achieves 5.7 Ω switch on resistance, greater than 500 MHz - 3 dB bandwidth with 5 pF load, and a channel to channel crosstalk and Isolation at - 49 dB.

FEATURES
• Wide operation voltage range
• Low on-resistance, 5.7 Ω (typical at 3 V)
• Low capacitance, 5.6 pF (typical)
• - 3 dB high bandwidth with 5 pF load: > 500 MHz (typical)
• Low bit to bit skew: 40 pS (typical)
• Low power consumption
• Low logic threshold: V
• Power down protection: COM1 and COM2 pins can tolerate up to 5 V when V+ = 0 V
• Logic (IN1 and IN2) above V+ tolerance
• Latch-up current greater than 300 mA per JESD78
• 8 kV ESD protection (HBM)
• Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm x 0.55 mm)

APPLICATIONS
• Cellular phones
• Portable media players
• PDA
• Digital camera
• GPS
• Notebook computer
• TV, monitor, and set top box
• Radio




Similar Part No. - DG2721

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2721 VISHAY-DG2721 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2721DN-T1-E4 VISHAY-DG2721DN-T1-E4 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
More results


Similar Description - DG2721

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
20-Mar-17
DG2515 VISHAY-DG2515_V01 Datasheet
176Kb / 9P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2723 VISHAY-DG2723_V01 Datasheet
156Kb / 10P
700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch
22-Dec-14
DG3157A VISHAY-DG3157A_V01 Datasheet
176Kb / 9P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection
25-Aug-08
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com