Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2721 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2721 Datasheet HTML 1Page - Vishay Siliconix DG2721 Datasheet HTML 2Page - Vishay Siliconix DG2721 Datasheet HTML 3Page - Vishay Siliconix DG2721 Datasheet HTML 4Page - Vishay Siliconix DG2721 Datasheet HTML 5Page - Vishay Siliconix DG2721 Datasheet HTML 6Page - Vishay Siliconix DG2721 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 69950
S-81509-Rev. D, 30-Jun-08
www.vishay.com
3
Vishay Siliconix
DG2721
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, not subjected to production test.
e. VIN = input voltage to perform proper function.
f. Crosstalk measured between channels.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS V+ = 3.0 V
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c Max.b
Analog Switch
Analog Signal Ranged
VANALOG
rDS(on)
Full
0
V+
V
On-Resistance
RDS(on)
V+ = 3.0 V, ICOM = 8 mA, VNC/NO = 0.4 V
Room
5.7
7
Ω
Full
9
On-Resistance Matchd
ΔRON
V+ = 3.0 V, ICOM = 8 mA, VNC/NO = 0.4 V
Room
0.35
On-Resistance Resistance Flatnessd
RON
Flatness
V+ = 3.0 V, ICOM = 8 mA, VNC/NO = 0.0 V, 1.0 V
Room
2
Switch Off Leakage Current
I(off)
V+ = 4.3 V, VNC/NO = 0.3 V, 3.0 V,
VCOM = 3.0 V, 0.3 V
Full
- 100
100
nA
Channel On Leakage Current
I(on)
V+ = 4.3 V, VNC/NO = 0.3 V, 4.0 V,
VCOM = 4.0 V, 0.3 V
Full
- 200
200
Digital Control
Input Voltage High
VINH
V+ = 3.0 V to 3.6 V
Full
1.3
V
V+ = 4.3 V
Full
1.7
Input Voltage Low
VINL
V+ = 3.0 V to 4.3 V
Full
0.5
Input Capacitance
CIN
Full
5.6
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Break-Before-Make Timee, d
tBBM
V+ = 3.0 V, VCOM = 1.5 V, RL = 50 Ω,
CL = 35 pF
Room
5
ns
Full
Turn-On Timee, d
tON
Room
30
Full
Turn-Off Timee, d
tOFF
Room
25
Full
Charge Injectiond
QINJ
CL = 1 nF, RGEN = 0 Ω, VGEN = 0 V
Room
0.5
pC
Off-Isolationd
OIRR
V+ = 3.0 V to 3.6 V, RL = 50 Ω, CL = 5 pF,
f = 240 MHz
- 30
dB
Crosstalkd
XTALK
- 49
Bandwidthd
BW
V+ = 3.0 V to 3.6 V, RL = 50 Ω,
CL = 5 pF, - 3 dB
> 500
MHz
Channel-Off Capacitanced
CNO(off)
V+ = 3.3 V, f = 1 MHz
4
pF
CNC(off)
4
Channel-On Capacitanced
CCOM(on)
11
Channel-to-Channel Skewd
tSK(O)
V+ = 3.0 V to 3.6 V, RL = 50 Ω, CL = 5 pF
50
ps
Skew Off Opposite Transitions of the
Same Outputd
tSK(p)
20
Total Jitterd
tJ
200
Power Supply
Power Supply Range
V+
2.6
4.3
V
Power Supply Current
I+
VIN = 0 V, or V+
Full
2
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com