Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2721 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2721 Datasheet HTML 1Page - Vishay Siliconix DG2721 Datasheet HTML 2Page - Vishay Siliconix DG2721 Datasheet HTML 3Page - Vishay Siliconix DG2721 Datasheet HTML 4Page - Vishay Siliconix DG2721 Datasheet HTML 5Page - Vishay Siliconix DG2721 Datasheet HTML 6Page - Vishay Siliconix DG2721 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 69950
S-81509-Rev. D, 30-Jun-08
Vishay Siliconix
DG2721
Notes:
a. Signals on INX, NCX, NOX, COMX exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 2.6 mW/°C above 70 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
miniQFN-10
DG2721DN-T1-E4
TRUTH TABLE
IN1 (Pin 10)
IN2 (Pin 8)
Function
X0
COM2 = NC2
X1
COM2 = NO2
0X
COM1 = NC1
1X
COM1 = NO1
PIN DESCRIPTIONS
Pin Name
Description
IN1
Select Input COM1
IN2
Select Input COM2
NC1/2, NO1/2, COM1/2
Data Channel
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Reference to GND
V+
- 0.3 to 5.0
V
INX, NCX, NOX, COMX
a
- 0.3 to (V+ + 0.3)
Current (Any Terminal except INX, NCX, NOX, COMX)30
mA
Continuous Current (INX, NCX, NOX, COMX)
± 250
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 500
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
miniQFN-10c
208
mW
ESD (Human Body Model)
All Pins
I/O to GND
4
8
kV
Latch-up (Current Injection)
350
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com