Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2517 Datasheet (PDF) - Vishay Siliconix

DG2517 Datasheet PDF - Vishay Siliconix
Part # DG2517
Download  DG2517 Download
File Size   187.78 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-Ω, High Bandwidth, Dual SPDT Analog Switch

DG2517 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2517 Datasheet PDF - Vishay Siliconix

Part # DG2517
Download  DG2517 Click to download

File Size   187.78 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-Ω, High Bandwidth, Dual SPDT Analog Switch

DG2517 Datasheet (HTML) - Vishay Siliconix


DG2517 Product details

FEATURES
• 1.8 V to 5.5 V single supply operation
• Low RON: 3 Ω at 4.2 V
• 242 MHz, - 3 dB bandwidth
• Low off-isolation, - 51 dB at 10 MHz
• + 1.6 V logic compatible

BENEFITS
• High linearity
• Low power consumption
• High bandwidth
• Full rail signal swing range

APPLICATIONS
• USB/UART signal switching
• Audio/video switching
• Cellular phone
• Media players
• Modems

DESCRIPTION
The DG2517, DG2518 are low-voltage dual single-pole/
double-throw monolithic CMOS analog switches. Designed
to operate from 1.8 V to 5.5 V power supply, the DG2517,
DG2518 achieves a bandwidth of 242 MHz while providing
low on-resistance (3 Ω), excellent on-resistance matching
(0.2 Ω) and flatness (1 Ω) over the entire signal range.
The DG2517, DG2518 offers the advantage of high linearity
that reduces signal distortion, making ideal for audio, video,
and USB signal routing applications. Additionally, the
DG2517, DG2518 are 1.6 V logic compatible within the full
operation voltage range.
Built on Vishay Siliconix’s proprietary sub-micron highdensity
process, the DG2517, DG2518 brings low power
consumption at the same time as reduces PCB spacing with
the MSOP10 and DFN10 packages.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. The DFN
package has a nickel-palladium-gold device termination and
is represented by the lead (Pb)-free "-E4" suffix. The MSOP
package uses 100 % matte Tin device termination and is
represented by the lead (Pb)- free "-E3" suffix. Both the
matte Tin and nickel-palladium-gold device terminations
meet all JEDEC standards for reflow and MSL ratings.
• Hard drives
• PCMCIA




Similar Part No. - DG2517

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517 VISHAY-DG2517 Datasheet
616Kb / 7P
3ohm, High Bandwidth, Dual SPDT Analog Switch
11-Sep-06
DG2517 VISHAY-DG2517 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517DN-T1-E4 VISHAY-DG2517DN-T1-E4 Datasheet
616Kb / 7P
3ohm, High Bandwidth, Dual SPDT Analog Switch
11-Sep-06
DG2517DN-T1-E4 VISHAY-DG2517DN-T1-E4 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517DQ-T1-E3 VISHAY-DG2517DQ-T1-E3 Datasheet
616Kb / 7P
3ohm, High Bandwidth, Dual SPDT Analog Switch
11-Sep-06
More results


Similar Description - DG2517

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517 VISHAY-DG2517 Datasheet
616Kb / 7P
3ohm, High Bandwidth, Dual SPDT Analog Switch
11-Sep-06
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
2.5 , High Bandwidth, Dual SPDT Analog Switch
27-Mar-17
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com