Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2537 Datasheet (PDF) - Vishay Siliconix

DG2537 Datasheet PDF - Vishay Siliconix
Part # DG2537
Download  DG2537 Download
File Size   178.85 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4 Ω Dual SPST Switches

DG2537 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2537 Datasheet PDF - Vishay Siliconix

Part # DG2537
Download  DG2537 Click to download

File Size   178.85 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4 Ω Dual SPST Switches

DG2537 Datasheet (HTML) - Vishay Siliconix


DG2537 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Low and flat switch on resistance, 2.5 Ω/typ
• Low leakage and parasitic capacitance
• 366 MHz, - 3 dB bandwidth
• Latch-up current > 300 mA (JESD78)
• Over voltage tolerant TTL/CMOS compatible
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Healthcare and medical devices
• Test instruments
• Portable meters
• Data acquisitions
• Control and automation
• PDAs and modems
• Communication systems
• Audio, video systems
• Mechanical reed relay replacement

DESCRIPTION
The DG2537, DG2538, and DG2539 are low voltage,
precision dual SPST switches that can be operated in a
single supply or in a dual supply configuration power supply
with low power dissipation. The DG2537, DG2538 and
DG2539 can switch both analog and digital signals within the
power supply rail, and conduct well in both directions.
Fabricated with advance submicron CMOS process, these
switches provide high precision low and flat ON resistance,
low leakage current, low parasitic capacitance, and low
charge injection.
The DG2537, DG2538 and DG2539 contain two
independent Single Pole Single Throw (SPST) switches.
Switch-1 and switch-2 are normally open for the DG2537 and
normally closed for the DG2538. For the DG2539, switch-1 is
normally open and switch-2 is normally closed with a
Break-Before-Make switching timing.
The DG2537, DG2538 and DG2539 are the ideal switches
for use in low voltage instruments and healthcare devices,
fitting the circuits of low voltage ADC and DAC, analog front
end gain control, and signal path control.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device termination.
As a further sign of Vishay Siliconix's commitment, the
DG2537, DG2538 and D2539 are fully RoHS compliant and
halogen-free.




Similar Part No. - DG2537

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
4ohm Dual SPST Switches
01-Aug-11
DG2537DQ-T1-GE3 VISHAY-DG2537DQ-T1-GE3 Datasheet
156Kb / 9P
4ohm Dual SPST Switches
01-Aug-11
More results


Similar Description - DG2537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
Vishay Siliconix
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG3537 VISHAY-DG3537 Datasheet
129Kb / 10P
4-Ω, 360-MHz, Dual SPST Analog Switches
30-Apr-07
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
4ohm Dual SPST Switches
01-Aug-11
logo
Analog Devices
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com