Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG721 Datasheet (PDF) - Analog Devices

ADG721 Datasheet PDF - Analog Devices
Part # ADG721
Download  ADG721 Download
File Size   204.61 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Dual SPST Switches

ADG721 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG721 Datasheet PDF - Analog Devices

Part # ADG721
Download  ADG721 Click to download

File Size   204.61 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Dual SPST Switches

ADG721 Datasheet (HTML) - Analog Devices


ADG721 Product details

GENERAL DESCRIPTION
The ADG721, ADG722, and ADG723 are monolithic CMOS SPST switches. These switches are designed on an advanced submicron process that provides low power dissipation yet gives high switching speed, low on resistance, and low leakage currents. The devices are packaged in both a tiny 3 mm × 2 mm LFCSP and an MSOP, making them ideal for space-constrained applications.

FEATURES
    1.8 V to 5.5 V single supply
    4 Ω (max) on resistance
    Low on resistance flatness
    −3 dB bandwidth >200 MHz
    Tiny package options 8-lead MSOP 3 mm × 2 mm LFCSP (A grade)
    Fast switching times tON, 20 ns tOFF, 10 ns
    Low power consumption (<0.1 μW)
    TTL/CMOS compatible

APPLICATIONS
    USB 1.1 signal switching circuits
    Cell phones
    PDAs
    Battery-powered systems
    Communication systems
    Sample hold systems
    Audio signal routing
    Video switching
    Mechanical reed relay replacement




Similar Part No. - ADG721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721ACPZ-REEL AD-ADG721ACPZ-REEL Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG721ACPZ-REEL7 AD-ADG721ACPZ-REEL7 Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG721BRM AD-ADG721BRM Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG721BRM-REEL AD-ADG721BRM-REEL Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG721BRM-REEL7 AD-ADG721BRM-REEL7 Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
More results


Similar Description - ADG721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
<0.5 ohm CMOS, Low Voltage, SPST Switches
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com