Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG711 Datasheet (PDF) - Analog Devices

ADG711 Datasheet PDF - Analog Devices
Part # ADG711
Download  ADG711 Download
File Size   119.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Quad SPST Switches

ADG711 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG711 Datasheet PDF - Analog Devices

Part # ADG711
Download  ADG711 Click to download

File Size   119.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Quad SPST Switches

ADG711 Datasheet (HTML) - Analog Devices


ADG711 Product details

GENERAL DESCRIPTION
The ADG711, ADG712, and ADG713 are monolithic CMOS devices containing four independently selectable switches. These switches are designed on an advanced submicron process that provides low power dissipation yet gives high switching speed, low on resistance, low leakage currents, and high bandwidth. They are designed to operate from a single 1.8 V to 5.5 V supply, making them ideal for use in battery-powered instruments and with the new generation of DACs and ADCs from Analog Devices, Inc. Fast switching times and high bandwidth make the parts suitable for switching USB 1.1 data signals and video signals.

FEATURES
   1.8 V to 5.5 V single supply
   Low on resistance (2.5 Ω Typ)
   Low on resistance flatness
   −3 dB bandwidth > 200 MHz
   Rail-to-rail operation
   16-lead TSSOP and SOIC packages
   Fast switching times: tON =16 ns, tOFF =10 ns
   Typical power consumption (< 0.01 μW)
   TTL/CMOS compatible
   Qualified for automotive applications

APPLICATIONS
   USB 1.1 signal switching circuits
   Cell phones
   PDAs
   Battery-powered systems
   Communication systems
   Sample hold systems
   Audio signal routing
   Video switching
   Mechanical reed relay replacement




Similar Part No. - ADG711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711BR AD-ADG711BR Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BR-REEL AD-ADG711BR-REEL Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BR-REEL7 AD-ADG711BR-REEL7 Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRU AD-ADG711BRU Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRU-REEL AD-ADG711BRU-REEL Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results


Similar Description - ADG711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
<0.5 ohm CMOS, Low Voltage, SPST Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com