Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG721 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG721
Description  CMOS Low Voltage 4 ohm Dual SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG721 Datasheet(HTML) 5 Page - Analog Devices

  ADG721 Datasheet HTML 1Page - Analog Devices ADG721 Datasheet HTML 2Page - Analog Devices ADG721 Datasheet HTML 3Page - Analog Devices ADG721 Datasheet HTML 4Page - Analog Devices ADG721 Datasheet HTML 5Page - Analog Devices ADG721 Datasheet HTML 6Page - Analog Devices ADG721 Datasheet HTML 7Page - Analog Devices ADG721 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG721/ADG722/ADG723
–5–
REV. 0
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
5.0
0
0.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = +25 C
VDD = +2.7V
VDD = +3.0V
VDD = +4.5V
VDD = +5.0V
5.5
6.0
Figure 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
6.0
0
0.5
5.0
4.0
3.0
2.0
1.0
0
1.0
1.5
2.0
2.5
3.0
VDD = +3V
+25 C
–40 C
+85 C
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = +3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = +5V
+25 C
–40 C
+85 C
6.0
5.5
5.0
4.5
Figure 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = +5 V
FREQUENCY – Hz
1m
10
1M
100
1k
10k
100k
100
10
1
100n
10n
1n
10M
VDD = +5V
Figure 4. Supply Current vs. Input Switching Frequency
FREQUENCY – Hz
–30
1M
10k
100k
–40
–50
–60
–70
–80
–90
10M
100M
–100
VDD = +3V, +5V
Figure 5. Off Isolation vs. Frequency
FREQUENCY – Hz
–30
1M
10k
100k
–40
–50
–60
–70
–80
–90
10M
100M
–100
–110
VDD = +3V, +5V
Figure 6. Crosstalk vs. Frequency
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com