Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet (PDF) - Analog Devices

ADG621 Datasheet PDF - Analog Devices
Part # ADG621
Download  ADG621 Download
File Size   141.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES

ADG621 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG621 Datasheet PDF - Analog Devices

Part # ADG621
Download  ADG621 Click to download

File Size   141.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES

ADG621 Datasheet (HTML) - Analog Devices


ADG621 Product details

GENERAL DESCRIPTION
The ADG621/ADG622/ADG623 are monolithic, CMOS, single-pole, single-throw (SPST) switches. Each switch of the ADG621/ADG622/ADG623 conducts equally well in both directions when on.
   
FEATURES
    5.5 Ω (maximum) on resistance
    0.9 Ω (maximum) on resistance flatness
    2.7 V to 5.5 V single supply
    ±2.7 V to ±5.5 V dual supply
    Rail-to-rail operation
    10-lead MSOP package
    Typical power consumption (<0.01 µW)
    TTL-/CMOS-compatible inputs
   
APPLICATIONS
    Automatic test equipment
    Power routing
    Communication systems
    Data acquisition systems
    Sample-and-hold systems
    Avionics
    Relay replacements
    Battery-powered systems
   




Similar Part No. - ADG621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621 AD-ADG621 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
More results


Similar Description - ADG621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
LC2MOS 5 ohm RON SPST Switches
REV.A
ADG601 AD-ADG601 Datasheet
132Kb / 8P
2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV.0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV.0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
4 Ω Dual SPST Switches
01-Aug-11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com