Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG619 Datasheet (PDF) - Analog Devices

ADG619 Datasheet PDF - Analog Devices
Part # ADG619
Download  ADG619 Download
File Size   145.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES

ADG619 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG619 Datasheet PDF - Analog Devices

Part # ADG619
Download  ADG619 Click to download

File Size   145.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES

ADG619 Datasheet (HTML) - Analog Devices


ADG619 Product details

GENERAL DESCRIPTION
The ADG619/ADG620 are monolithic, CMOS single-pole double-throw (SPDT) switches. Each switch conducts equally well in both directions when the device is on.
   
FEATURES
    6.5 Ω (maximum) on resistance
    0.8 Ω (maximum) on-resistance flatness
    2.7 V to 5.5 V single supply
    ±2.7 V to ±5.5 V dual supply
    Rail-to-rail operation
    8-lead SOT-23, 8-lead MSOP
    Typical power consumption (<0.1 μW)
    TTL-/CMOS-compatible inputs
   
APPLICATIONS
    Automatic test equipment
    Power routing
    Communication systems
    Data acquisition systems
    Sample-and-hold systems
    Avionics
    Relay replacement
    Battery-powered systems
   




Similar Part No. - ADG619

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL AD-ADG619BRM-REEL Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL7 AD-ADG619BRM-REEL7 Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRMZ-REEL2 AD-ADG619BRMZ-REEL2 Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRMZ-REEL72 AD-ADG619BRMZ-REEL72 Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results


Similar Description - ADG619

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG601 AD-ADG601 Datasheet
132Kb / 8P
2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV.0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG733 AD-ADG733 Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
10/06-Revision 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com