Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG621
Description  CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 1 Page - Analog Devices

  ADG621 Datasheet HTML 1Page - Analog Devices ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG621/ADG622/ADG623
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
CMOS
5 V/5 V
4
Dual SPST Switches
FUNCTIONAL BLOCK DIAGRAM
ADG621
IN1
D2
S2
S1
D1
IN2
ADG622
IN1
D2
S2
S1
D1
IN2
ADG623
IN1
D2
S2
S1
D1
IN2
SWITCHES SHOWN FOR A LOGIC "0" INPUT
FEATURES
5.5
(Max) On Resistance
0.9
(Max) On-Resistance Flatness
2.7 V to 5.5 V Single Supply
2.7 V to
5.5 V Dual Supply
Rail-to-Rail Operation
10-Lead
SOIC Package
Typical Power Consumption (<0.01
W)
TTL/CMOS Compatible Inputs
APPLICATIONS
Automatic Test Equipment
Power Routing
Communication Systems
Data Acquisition Systems
Sample and Hold Systems
Avionics
Relay Replacement
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG621, ADG622, and the ADG623 are monolithic,
CMOS SPST (single-pole, single-throw) switches. Each switch
of the ADG621, ADG622, and ADG623 conducts equally well
in both directions when on.
The ADG621/ADG622/ADG623 contain two independent
switches. The ADG621 and ADG622 differ only in that both
switches are normally open and normally closed respectively. In the
ADG623, Switch 1 is normally open and Switch 2 is normally
closed. The ADG623 exhibits break-before-make switching action.
The ADG621/ADG622/ADG623 offers low on-resistance of
4
Ω, which is matched to within 0.25 Ω between channels.
These switches also provide low power dissipation yet gives
high switching speeds. The ADG621, ADG622, and ADG623
are available in a 10-lead
µSOIC package.
PRODUCT HIGHLIGHTS
1. Low On Resistance (RON) (4
Ω typ)
2. Dual
±2.7 V to ±5.5 V or Single 2.7 V to 5.5 V
3. Low Power Dissipation. CMOS construction ensures low
power dissipation.
4. Tiny 10-Lead
µSOIC Package


Similar Part No. - ADG621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621 AD-ADG621 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
More results

Similar Description - ADG621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
LC2MOS 5 ohm RON SPST Switches
REV.A
ADG601 AD-ADG601 Datasheet
132Kb / 8P
2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV.0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV.0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
4 Ω Dual SPST Switches
01-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com