Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG451 Datasheet (PDF) - Analog Devices

ADG451 Datasheet PDF - Analog Devices
Part # ADG451
Download  ADG451 Download
File Size   161.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 5 ohm RON SPST Switches

ADG451 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG451 Datasheet PDF - Analog Devices

Part # ADG451
Download  ADG451 Click to download

File Size   161.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 5 ohm RON SPST Switches

ADG451 Datasheet (HTML) - Analog Devices


ADG451 Product details

GENERAL DESCRIPTION
The ADG451/ADG452/ADG453 are monolithic CMOS devices comprising four independently selectable switches. They are designed on an enhanced LC2MOS process that provides low power dissipation yet gives high switching speed and low on resistance.
The on resistance profile is very flat over the full analog input range, ensuring excellent linearity and low distortion when switching audio signals. Fast switching speed, coupled with high signal bandwidth, makes the parts suitable for video signal switching. CMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and battery powered instruments.
The ADG451/ADG452/ADG453 contain four independent, single-pole/single-throw (SPST) switches. The ADG451 and ADG452 differ only in that the digital control logic is inverted. The ADG451 switches are turned on with a logic low on the appropriate control input, while a logic high is required for the ADG452.
The ADG453 has two switches with digital control logic similar to that of the ADG451, while the logic is inverted on the other two switches.
Each switch conducts equally well in both directions when on, and each has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked.
The ADG453 exhibits break-before-make switching action for use in multiplexer applications. Inherent in the design is low charge injection for minimum transients when switching the digital inputs.

FEATURES
   Low on resistance (4 Ω)
   On resistance flatness (0.2 Ω)
   44 V supply maximum ratings
   ±15 V analog signal range
   Fully specified at ±5 V, 12 V, ±15 V
   Ultralow power dissipation (18 μW)
   ESD 2 kV
   Continuous current (100 mA)
   Fast switching times
   tON 70 ns
   tOFF 60 ns
   TTL-/CMOS-compatible
   Pin-compatible upgrade for ADG411/ADG412/ADG413
      and ADG431/ADG432/ADG433

APPLICATIONS
   Relay replacement
   Audio and video switching
   Automatic test equipment
   Precision data acquisition
   Battery-powered systems
   Sample-and-hold systems
   Communication systems
   PBX, PABX systems
   Avionics




Similar Part No. - ADG451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451BCHIPS AD-ADG451BCHIPS Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG451BN AD-ADG451BN Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG451BNZ1 AD-ADG451BNZ1 Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG451BR AD-ADG451BR Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG451BR-REEL AD-ADG451BR-REEL Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
More results


Similar Description - ADG451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG211A AD-ADG211A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG661 AD-ADG661 Datasheet
123Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV.0
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG451 AD-ADG451_06 Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com