Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG451 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG451
Description  LC2MOS 5 ohm RON SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451 Datasheet(HTML) 2 Page - Analog Devices

  ADG451 Datasheet HTML 1Page - Analog Devices ADG451 Datasheet HTML 2Page - Analog Devices ADG451 Datasheet HTML 3Page - Analog Devices ADG451 Datasheet HTML 4Page - Analog Devices ADG451 Datasheet HTML 5Page - Analog Devices ADG451 Datasheet HTML 6Page - Analog Devices ADG451 Datasheet HTML 7Page - Analog Devices ADG451 Datasheet HTML 8Page - Analog Devices ADG451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADG451/ADG452/ADG453–SPECIFICATIONS1
Dual Supply
B Version
TMIN to
Parameter
+25 CTMAX
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On-Resistance (RON)
4.0
Ω typ
VD = –10 V to +10 V, IS = –10 mA
57
Ω max
On-Resistance Match Between
0.1
Ω typ
VD =
±10 V, I
S = –10 mA
Channels (
∆R
ON)
0.5
0.5
Ω max
On-Resistance Flatness (RFLAT(ON))
0.2
Ω typ
VD = –5 V, 0 V, +5 V, IS = –10 mA
0.5
0.5
Ω max
LEAKAGE CURRENTS
2
Source OFF Leakage IS (OFF)
±0.02
nA typ
VD =
±10 V, V
S =
±10 V;
±0.5
±2.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.02
nA typ
VD =
±10 V, V
S =
±10 V;
±0.5
±2.5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.04
nA typ
VD = VS = ± 10 V;
±1
±5
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH, All Others = 2.4 V
±0.5
µA max
or 0.8 V Respectively
DYNAMIC CHARACTERISTICS
3
tON
70
ns typ
RL = 300
Ω, C
L = 35 pF;
180
220
ns max
VS = ± 10 V; Test Circuit 4
tOFF
60
ns typ
RL = 300
Ω, C
L = 35 pF;
140
180
ns max
VS =
±10 V; Test Circuit 4
Break-Before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF;
(ADG453 Only)
5
5
ns min
VS1 = VS2 = +10 V;
Test Circuit 5
Charge Injection
20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1.0 nF;
30
pC max
Test Circuit 6
OFF Isolation
65
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
15
pF typ
f = 1 MHz
CD (OFF)
15
pF typ
f = 1 MHz
CD, CS (ON)
100
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
Digital Inputs = 0 V or 5 V
IDD
0.0001
µA typ
0.5
5
µA max
ISS
0.0001
µA typ
0.5
5
µA max
IL
0.0001
µA typ
0.5
5
µA max
IGND
3
0.0001
µA typ
0.5
5
µA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2T
MAX = +70°C
.
3Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
REV. A
–2–
(VDD = +15 V, VSS = –15 V, VL = +5 V, GND = 0 V. All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com