Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG621
Description  CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADG621/ADG622/ADG623
–6–
8
7
6
5
4
3
2
1
0
VD, VS – V
–5
–4
–3
–2
–1
0123
5
4
VDD, VSS = 2.5V
TA = 25 C
VDD, VSS = 3V
VDD, VSS = 3.3V
VDD, VSS = 4.5V
VDD, VSS = 5V
TPC 1. On Resistance vs. VD (VS). (Dual Supply)
VDD = 2.7V
VDD = 3V
VDD = 3.3V
VDD = 4.5V
VDD = 5V
TA = 25 C
VSS = 0V
VD, VS – V
20
0
16
12
8
4
12345
0
TPC 2. On Resistance vs. VD (VS). (Single Supply)
VD, VS – V
6
–5
5
4
3
2
1
0
–3
–11
5
3
–4
–2
024
VDD = +5V
VSS = –5V
TA = +85 C
TA = +25 C
TA = –40 C
TPC 3. On Resistance vs. VD (VS) for Different
Temperatures. (Dual Supply)
–Typical Performance Characteristics
VD, VS – V
10
0
8
6
4
2
0
123
5
4
9
7
5
3
1
TA = +85 C
TA = +25 C
TA = –40 C
VDD = 5V
VSS = 0V
TPC 4. On Resistance vs. VD (VS) for Different
Temperature. (Single Supply)
TEMPERATURE – C
0
1020304050
60
70
80
0.5
–0.5
0.2
0.4
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
ID (OFF)
ID, IS (ON)
IS (OFF)
VDD = 5V
VSS = 0V
VD = 4.5V
VS = 4.5V
TPC 5. Leakage Currents vs. Temperature. (Dual Supply)
ID (OFF)
ID, IS (ON)
IS (OFF)
TEMPERATURE – C
0
1020304050607080
0.5
–0.5
0.2
0.4
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
VDD = 5V
VSS = 0V
VD = 4.5V/1V
VS = 1V/4.5V
TPC 6. Leakage Currents vs. Temperature. (Single Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com