Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG621
Description  CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 3 Page - Analog Devices

  ADG621 Datasheet HTML 1Page - Analog Devices ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
ADG621/ADG622/ADG623
(VDD = +5 V
10%, VSS = 0 V, GND = 0 V. All specifications –40 C to +85 C unless otherwise noted.)
SINGLE SUPPLY1
B Version
–40 C to
Parameter
+25 C
+85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
VDD = 4.5 V, VSS = 0 V
On Resistance (RON)7
Ω typ
VS = 0 V to 4.5 V, IS = –10 mA,
10
12.5
Ω max
Test Circuit 1
On Resistance Match Between
Channels (
∆R
ON)
0.5
Ω typ
VS = 0 V to 4.5 V, IS = –10 mA
0.75
1
Ω max
On-Resistance Flatness (RFLAT(ON))
0.5
0.5
Ω typ
VS = 1.5 V to 3.3 V, IS = –10 mA
1
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V,
±0.25
±1
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V,
±0.25
±1
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V/4.5 V,
±0.25
±1
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS
2
tON
120
ns typ
RL = 300
Ω, CL = 35 pF
210
260
ns max
VS = 3.3 V, Test Circuit 4
tOFF
50
ns typ
RL = 300
Ω, CL = 35 pF
75
100
ns max
VS = 3.3 V, Test Circuit 4
Break-Before-Make Time Delay, tBBM
70
ns typ
RL = 300
Ω, C
L = 35 pF,
(ADG623 Only)
10
ns min
VS1 = VS2 = 3.3 V, Test Circuit 5
Charge Injection
6
pC typ
VS = 0 V; RS = 0
Ω, CL = 1 nF,
Test Circuit 6
Off Isolation
–65
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz,
Test Circuit 7
Channel-to-Channel Crosstalk
–90
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz,
Test Circuit 9
Bandwidth –3 dB
230
MHz typ
RL = 50
Ω, CL = 5 pF, Test Circuit 8
CS (OFF)
20
pF typ
f = 1 MHz
CD (OFF)
20
pF typ
f = 1 MHz
CD, CS (ON)
70
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Temperature ranges are as follows: B Version, –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com