Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4641 Datasheet (PDF) - Maxim Integrated Products

MAX4641 Datasheet PDF - Maxim Integrated Products
Part # MAX4641
Download  MAX4641 Download
File Size   198.1 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches

MAX4641 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4641 Datasheet PDF - Maxim Integrated Products

Part # MAX4641
Download  MAX4641 Click to download

File Size   198.1 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches

MAX4641 Datasheet (HTML) - Maxim Integrated Products


MAX4641 Product details

General Description
The MAX4641/MAX4642/MAX4643 are monolithic, dual, single-pole/single-throw (SPST) switches that can operate from a single supply ranging from +1.8V to +5.5V. The MAX4641/MAX4642/MAX4643 provide low 4Ω on-resistance (RON), 0.6Ω RON matching between channels, and 1Ω RON flatness over the entire analog signal range. These devices offer fast switching times of less than 20ns while consuming less than 0.01µW of quiescent power.

Features
♦ +1.8V to +5.5V Single-Supply Operation
♦ Rail-to-Rail™ Analog Signal Range
♦ Guaranteed RON
    4Ω max (+5V supply)
    8Ω max (+3V supply)
♦ +1.8V Operation
    RON 30Ω typ Over Temperature
    tON 18ns typ, tOFF 12ns typ
♦ Guaranteed RON Flatness: 1Ω (+5V supply)
♦ Guaranteed RON Match Between Channels 0.6Ω (+5V supply)
♦ Low Leakage (<0.35nA) Over Entire Temperature Range
♦ Excellent AC Characteristics
    Low Crosstalk: -97dB at 1MHz
    High Off-Isolation: -80dB at 1MHz
    0.018% Total Harmonic Distortion
♦ Low Power Consumption: < 0.01µW

Applications
    Battery-Operated Equipment
    Audio and Video Signal Routing
    Low-Voltage Data-Acquisition Systems
    Sample-and-Hold Circuits
    Communications Circuits




Similar Part No. - MAX4641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX464 MAXIM-MAX464 Datasheet
162Kb / 16P
Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA MAXIM-MAX4644EUA Datasheet
206Kb / 12P
High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
MAX4644EUA+T MAXIM-MAX4644EUA+T Datasheet
113Kb / 10P
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
MAX4644EUT+T MAXIM-MAX4644EUT+T Datasheet
113Kb / 10P
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
More results


Similar Description - MAX4641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4614 MAXIM-MAX4614 Datasheet
167Kb / 12P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Rev 0; 7/99
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com