Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2706 Datasheet (PDF) - Vishay Siliconix

DG2706 Datasheet PDF - Vishay Siliconix
Part # DG2706
Download  DG2706 Download
File Size   192.62 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch

DG2706 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2706 Datasheet PDF - Vishay Siliconix

Part # DG2706
Download  DG2706 Click to download

File Size   192.62 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch

DG2706 Datasheet (HTML) - Vishay Siliconix


DG2706 Product details

FEATURES
• Operation voltage range: 1.65 V to 4.3 V
• Guaranteed On-resistance: 3.0 Ω at 3.15 V
• Low voltage logic threshold
• Low crosstalk: - 70 dB
• High off-isolation: - 90 dB
• Ultra small package: miniQFN16 of 1.8 mm x 2.6 mm

APPLICATIONS
• Dual SIM card switch
• A/V and analog signal routing
• Battery operated devices
• Data acquisition systems
• Communications systems
• Medical and ATE equipments

DESCRIPTION
The DG2706 is a high speed, low voltage, low
On-resistance, quad SPDT (single pole double throw)
analog switch. It operates from a 1.65 V to 4.3 V single
power supply and achieves 3 Ω switch On-resistance. When
turned on, each switch conducts equally in both directions.
Its switch on resistance flatness is 0.6 Ω and channel to
channel matching is of 0.3 Ω when powered with single
3.15 V supply. All channels guaranteed break before make
switching.
Control logic input has 0.5 V to 1.65 V logic threshold. It
features a 190 MHz - 3 dB bandwidth, - 90 dB crosstalk and
- 70 dB off-isolation at 1 MHz.
The DG2706 is an ideal fit for low voltage battery powered
devices switching audio, video, multi-media data streams,
and control signals between different functional circuits or
ports.
The DG2707 comes in a small miniQFN-16 lead package
(1.8 mm x 2.6 mm x 0.75 mm). As a committed partner to
community and the environment, Vishay Siliconix
manufactures this product with the lead(Pb)-free device
terminations and is 100 % RoHS compliant.




Similar Part No. - DG2706

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
DG2706 VISHAY-DG2706 Datasheet
164Kb / 9P
High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
07-Feb-11
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
164Kb / 9P
High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
07-Feb-11
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
07-Feb-11
More results


Similar Description - DG2706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
07-Feb-11
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com