Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX394 Datasheet (PDF) - Maxim Integrated Products

MAX394 Datasheet PDF - Maxim Integrated Products
Part # MAX394
Download  MAX394 Download
File Size   134.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Quad, SPDT, CMOS Analog Switch

MAX394 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX394 Datasheet PDF - Maxim Integrated Products

Part # MAX394
Download  MAX394 Click to download

File Size   134.71 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Quad, SPDT, CMOS Analog Switch

MAX394 Datasheet (HTML) - Maxim Integrated Products


MAX394 Product details

General Description
The MAX394 is a precision, low-voltage, quad, single-pole/double-throw (SPDT) analog switch. The four independent switches operate with bipolar supplies ranging from ±2.7V to ±8V, or with a single supply of +2.7V to +15V. The MAX394 offers low on-resistance (less than 35Ω), guaranteed to match within 2Ω between channels and to remain flat over the analog signal range (Δ4Ω max). It also offers break-before-make switching (10ns typical), with turn-off times less than 75ns and turn-on times less than 130ns. The MAX394 is ideal for portable operation since quiescent current runs less than 1µA with all inputs high or low.
This monolithic, quad switch is fabricated with Maxim’s low voltage silicon-gate process. Design improvements guarantee extremely low charge injection (10pC), low power consumption (10µW), and electrostatic discharge (ESD) greater than 2000V.
Logic inputs are TTL and CMOS compatible and guaranteed over a +0.8V to +2.4V range for supply voltages up to +8V. When supplies exceed +8V, the inputs are typically +0.8V to +4V. Logic inputs and switched analog signals can range anywhere between the supply voltages without damage.

Features
♦ Low On-Resistance, < 17Ω Typical (35Ω max)
♦ Guaranteed Matched On-Resistance Between Channels, < 2Ω
♦ Guaranteed Flat On-Resistance over Analog
   Signal Range, Δ4Ω Max
♦ Guaranteed Charge Injection < 10pC
♦ Guaranteed Off-Channel Leakage < 2.5nA at +85°C
♦ ESD Guaranteed > 2000V per Method 3015.7
♦ Single-Supply Operation (+2.7V to +15V)
   Bipolar-Supply Operation (±2.7V to ±8V)
♦ TTL/CMOS-Logic Compatibility
♦ Rail-to-Rail Analog Signal Handling Capability
♦ Pin Compatible with MAX333, MAX333A

Applications
   Test Equipment
   Portable Instruments
   Communications Systems
   Audio Signal Routing
   PBX, PABX
   Set-Top Boxes
   Heads-Up Displays




Similar Part No. - MAX394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
MAX3941ETG MAXIM-MAX3941ETG Datasheet
319Kb / 11P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
More results


Similar Description - MAX394

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
Quad SPDT CMOS Analog Switch
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
05-May-08
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX4735 MAXIM-MAX4735 Datasheet
285Kb / 13P
Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
19-3581; Rev 0; 1/05
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
07-Feb-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
07-Feb-11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com