Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3941 Datasheet (PDF) - Maxim Integrated Products

MAX3941 Datasheet PDF - Maxim Integrated Products
Part # MAX3941
Download  MAX3941 Download
File Size   319.4 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps EAM Driver with Integrated Bias Network

MAX3941 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3941 Datasheet PDF - Maxim Integrated Products

Part # MAX3941
Download  MAX3941 Click to download

File Size   319.4 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps EAM Driver with Integrated Bias Network

MAX3941 Datasheet (HTML) - Maxim Integrated Products


MAX3941 Product details

General Description
The MAX3941 is designed to drive an electro-absorption modulator (EAM) at data rates up to 10.7Gbps. It incorporates the functions of a biasing circuit and a modulation circuit, with integrated control op amps externally programmed by DC voltages.
The integrated bias circuit provides a programmable biasing current up to 50mA. This bias current reflects a bias voltage of up to 1.25V on an external 50Ω load. The bias and modulation circuits are internally connected on chip, eliminating the need for an external bias inductor.
A high-bandwidth, fully differential signal path is internally implemented to minimize jitter accumulation. When a clock signal is available, the integrated data-retiming function can be selected to reject input-signal jitter.
The MAX3941 receives differential CML signals (ground referenced) with on-chip line terminations of 50Ω. The output has a 50Ω resistor for back termination and is able to deliver a modulation current of 40mAP-P to 120mAP-P, with an edge speed of 23ps (20% to 80% typ). This modulation current reflects an EAM modulation voltage of 1.0VP-P to 3.0VP-P.
The MAX3941 also includes an adjustable pulse-width control circuit to precompensate for asymmetrical EAM characteristics. It is available in a compact 4mm x 4mm, 24-pin thin QFN package and operates over the -40°C to +85°C temperature range.

Features
♦ On-Chip Bias Network
♦ 23ps Edge Speed
♦ Programmable Modulation Voltage Up to 3VP-P
♦ Programmable EAM Biasing Voltage Up to 1.25V
♦ Selectable Data-Retiming Latch
♦ Up to 10.7Gbps Operation
♦ Integrated Modulation and Biasing Functions
♦ 50Ω On-Chip Input and Output Terminations
♦ Pulse-Width Adjustment
♦ Enable and Polarity Controls
♦ ESD Protection

Applications
   SONET OC-192 and SDH STM-64 Transmission Systems
   DWDM Systems
   Long/Short-Reach Optical Transmitters
   10Gbps Ethernet




Similar Part No. - MAX3941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
10Gbps Modulator Driver
Rev 1; 6/07
More results


Similar Description - MAX3941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
10.7Gbps EAM Driver
Rev 1; 12/02
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
SP4T PIN Diode with Integrated Bias Network
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
Monolithic HMIC??Integrated Bias Network
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
logo
M/A-COM Technology Solu...
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
Integrated Bias Network
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
Integrated Bias Network
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com