Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2735 Datasheet (PDF) - Vishay Siliconix

DG2735 Datasheet PDF - Vishay Siliconix
Part # DG2735
Download  DG2735 Download
File Size   169.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.6 Ω, Dual SPDT Analog Switch

DG2735 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2735 Datasheet PDF - Vishay Siliconix

Part # DG2735
Download  DG2735 Click to download

File Size   169.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.6 Ω, Dual SPDT Analog Switch

DG2735 Datasheet (HTML) - Vishay Siliconix


DG2735 Product details

FEATURES
• Low voltage operation (1.65 V to 4.3 V)
• Low on-resistance - RON: 0.6 Ω at 2.7 V
• Fast switching: tON = 55 ns at 2.7 V
• TOFF = 40 ns at 2.7 V
• Latch-up current > 300 mA (JESD78)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Reduced power consumption
• High accuracy
• Reduce board space
• TTL/1.65 V logic compatible

APPLICATIONS
• Cellular phones
• Speaker headset switching
• Audio and video signal routing
• PCMCIA cards
• Battery operated systems
• Portable media player Handheld test instruments

DESCRIPTION
The DG2735, DG2736 are low voltage, low on-resistance,
dual single-pole/double-throw (SPDT) monolithic CMOS
analog switches designed for high performance switching of
analog signals. Combining low-power, high speed, low
on-resistance, and small package size, the DG2735,
DG2736 are ideal for portable and battery power
applications.
The DG2735, DG2736 have an operation range from 1.65 V
to 4.3 V single supply. The DG2735 has two separate control
pins with for the separated two SPDT switched. The DG2736
has an EN pin. All switches are at high impedance mode
when the EN is high.
The DG2735, DG2736 are guaranteed 1.65 V logic
compatible, allowing the easy interface with low voltage DSP
or MCU control logic and ideal for one cell Li-ion battery
direct power.
The switch conducts signals within power rails equally well in
both directions when on, and blocks up to the power supply
level when off. Break-before-make is guaranteed.
The DG2735, DG2736 are built on Vishay Siliconix’s sub
micron CMOS low voltage process technology and provides
greater than 300 mA latch-up protection, as tested per
JESD78.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device terminations. DG2735, DG2736 are
offered in a miniQFN package. The miniQFN package has a
nickel-palladium-gold device termination and is represented
by the lead (Pb)-free “-E4” suffix. The nickel-palladium-gold
device terminations meet all JEDEC standards for reflow and
MSL ratings.




Similar Part No. - DG2735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
DG2735ADN-T1-GE4 VISHAY-DG2735ADN-T1-GE4 Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
More results


Similar Description - DG2735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
01-Jan-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
0.25-Ω Low-Voltage Dual SPDT Analog Switch
30-Apr-07
logo
ams AG
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
18-Apr-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com